Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4094BMS Datasheet(PDF) 1 Page - Intersil Corporation

Part # CD4094BMS
Description  CMOS 8-Stage Shift-and-Store Bus Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4094BMS Datasheet(HTML) 1 Page - Intersil Corporation

  CD4094BMS Datasheet HTML 1Page - Intersil Corporation CD4094BMS Datasheet HTML 2Page - Intersil Corporation CD4094BMS Datasheet HTML 3Page - Intersil Corporation CD4094BMS Datasheet HTML 4Page - Intersil Corporation CD4094BMS Datasheet HTML 5Page - Intersil Corporation CD4094BMS Datasheet HTML 6Page - Intersil Corporation CD4094BMS Datasheet HTML 7Page - Intersil Corporation CD4094BMS Datasheet HTML 8Page - Intersil Corporation CD4094BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
7-1083
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143 | Copyright © Intersil Corporation 1999
CD4094BMS
CMOS 8-Stage Shift-and-Store
Bus Register
Pinout
CD4094BMS
TOP VIEW
Functional Diagram
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
STROBE
DATA
CLOCK
Q1
Q2
Q3
VSS
Q4
VDD
Q5
Q6
Q7
Q8
Q’S
QS
OUTPUT ENABLE
8-STAGE
SHIFT
REGISTER
8-BIT
STORAGE
REGISTER
3-STATE
OUTPUTS
SERIAL
OUTPUTS
10
9
Q’S
QS
VDD = 16
VSS = 8
DATA
2
CLOCK
3
STROBE
1
OUTPUT
ENABLE
15
PARALLEL OUTPUTS Q1 - Q8
(TERMINALS 4, 5, 6, 7, 14, 13, 12, 11, RESPECTIVELY)
Features
• High Voltage Type (20V Rating)
• 3-State Parallel Outputs for Connection to Common
Bus
• Separate Serial Outputs Synchronous to Both Positive
and Negative Clock Edges for Cascading
• Medium Speed Operation - 5MHz at 10V (typ)
• Standardized Symmetrical Output Characteristics
• 100% Tested for Quiescent Current at 20V
• Maximum Input Current of 1
µA at 18V Over Full Pack-
age Temperature Range; 100nA at 18V and +25oC
• Noise Margin (Over Full Package/Temperature Range)
- 1V at VDD = 5V
- 2V at VDD = 10V
- 2.5V at VDD = 15V
• 5V, 10V and 15V Parametric Ratings
• Meets All Requirements of JEDEC Tentative Standard
No. 13B, “Standard Specifications for Description of
‘B’ Series CMOS Devices”
Applications
• Serial-to-Parallel Data Conversion
• Remote Control Holding Register
• Dual-Rank Shift, Hold, and Bus Applications
Description
CD4094BMS is a 8-stage serial shift register having a storage
latch associated with each stage for strobing data from the serial
input to parallel buffered 3-state outputs. The parallel outputs
may be connected directly to common bus lines. Data is shifted
on positive clock transitions. The data in each shift register stage
is transferred to the storage register when the STROBE input is
high. Data in the storage register appears at the outputs when-
ever the OUTPUT-ENABLE signal is high.
Two serial outputs are available for cascading a number of
CD4094BMS devices. Data is available at the QS serial output
terminal on positive clock edges to allow for high-speed opera-
tion in cascaded systems in which the clock rise time is fast. The
same serial information, available at the Q’S terminal on the next
negative clock edge, provides a means for cascading
CD4094BMS devices when the clock rise time is slow.
The CD4094BMS is supplied in these 16 lead outline packages:
Braze Seal DIP
H4X
Frit Seal DIP
H1F
Ceramic Flatpack
H6W
December 1992
File Number
3194


Similar Part No. - CD4094BMS

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
CD4094B TI2-CD4094B Datasheet
924Kb / 19P
CMOS 8-Stage Shift-and-Store Bus Register
Revised July 2003
More results

Similar Description - CD4094BMS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74HC4094 PHILIPS-74HC4094 Datasheet
72Kb / 10P
8-stage shift-and-store bus register
December 1990
HEF4094B PHILIPS-HEF4094B Datasheet
81Kb / 7P
8-stage shift-and-store bus register
January 1995
logo
Texas Instruments
CD4094B TI-CD4094B Datasheet
281Kb / 5P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
HEF4094B NXP-HEF4094B Datasheet
103Kb / 17P
8-stage shift-and-store bus register
Rev. 04-30 October 2008
logo
Texas Instruments
CD4094B TI1-CD4094B Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
CD4094BF3A TI-CD4094BF3A Datasheet
1Mb / 14P
CMOS 8-STAGE SHIFT-AND-STORE BUS REGISTER
logo
NXP Semiconductors
74HC4094D NXP-74HC4094D Datasheet
203Kb / 23P
8-stage shift-and-store bus register
Rev. 6-31 December 2012
logo
Texas Instruments
CD4094B TI1-CD4094B_15 Datasheet
1Mb / 14P
CMOS 8-Stage Shift-and-Store Bus Register
logo
Nexperia B.V. All right...
74HC4094-Q100 NEXPERIA-74HC4094-Q100 Datasheet
288Kb / 19P
8-stage shift-and-store bus register
74LV4094 NEXPERIA-74LV4094 Datasheet
282Kb / 17P
8-stage shift-and-store bus register
Rev. 8 - 18 March 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com