Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CD4094BMS Datasheet(PDF) 3 Page - Intersil Corporation

Part # CD4094BMS
Description  CMOS 8-Stage Shift-and-Store Bus Register
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

CD4094BMS Datasheet(HTML) 3 Page - Intersil Corporation

  CD4094BMS Datasheet HTML 1Page - Intersil Corporation CD4094BMS Datasheet HTML 2Page - Intersil Corporation CD4094BMS Datasheet HTML 3Page - Intersil Corporation CD4094BMS Datasheet HTML 4Page - Intersil Corporation CD4094BMS Datasheet HTML 5Page - Intersil Corporation CD4094BMS Datasheet HTML 6Page - Intersil Corporation CD4094BMS Datasheet HTML 7Page - Intersil Corporation CD4094BMS Datasheet HTML 8Page - Intersil Corporation CD4094BMS Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
7-1085
Specifications CD4094BMS
TABLE 2. AC ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
GROUP A
SUBGROUPS
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Propagation Delay
Clock to Serial Output QS
TPHL1
TPLH1
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
600
ns
10, 11
+125oC, -55oC
-
810
ns
Propagation Delay
Clock to Serial Output
Q’S
TPHL2
TPLH2
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
460
ns
10, 11
+125oC, -55oC
-
621
ns
Propagation Delay
Clock to Parallel Output
TPHL3
TPLH3
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
840
ns
10, 11
+125oC, -55oC
-
1134
ns
Propagation Delay
Strobe to Parallel Output
TPHL4
TPLH4
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
580
ns
10, 11
+125oC, -55oC
-
783
ns
Propagation Delay
Output Enable to Parallel
Output
TPHZ
TPZH
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
280
ns
10, 11
+125oC, -55oC
-
378
ns
Propagation Delay
Output Enable to Parallel
Output
TPLZ
TPZL
VDD = 5V, VIN = VDD or GND
(Note 2, 3)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Transition Time
TTHL
TTLH
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
-
200
ns
10, 11
+125oC, -55oC
-
270
ns
Maximum Clock Input
Frequency
FCL
VDD = 5V, VIN = VDD or GND
(Note 1, 2)
9
+25oC
1.25
-
MHz
10, 11
+125oC, -55oC
.93
-
MHz
NOTES:
1. CL = 50pF, RL = 200K, Input TR, TF < 20ns.
2. -55oC and +125oC limits guaranteed, 100% testing being implemented.
3. CL = 50pF, RL = 1K, Input TR, TF < 20ns.
TABLE 3. ELECTRICAL PERFORMANCE CHARACTERISTICS
PARAMETER
SYMBOL
CONDITIONS
NOTES
TEMPERATURE
LIMITS
UNITS
MIN
MAX
Supply Current
IDD
VDD = 5V, VIN = VDD or GND
1, 2
-55oC, +25oC-
5
µA
+125oC
-
150
µA
VDD = 10V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
300
µA
VDD = 15V, VIN = VDD or GND
1, 2
-55oC, +25oC-
10
µA
+125oC
-
600
µA
Output Voltage
VOL
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOL
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
-50
mV
Output Voltage
VOH
VDD = 5V, No Load
1, 2
+25oC, +125oC,
-55oC
4.95
-
V
Output Voltage
VOH
VDD = 10V, No Load
1, 2
+25oC, +125oC,
-55oC
9.95
-
V
Output Current (Sink)
IOL5
VDD = 5V, VOUT = 0.4V
1, 2
+125oC
0.36
-
mA
-55oC
0.64
-
mA
Output Current (Sink)
IOL10
VDD = 10V, VOUT = 0.5V
1, 2
+125oC
0.9
-
mA
-55oC
1.6
-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com