Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201 Datasheet(PDF) 4 Page - Intersil Corporation

Part # DG201
Description  CMOS Quad SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201 Datasheet(HTML) 4 Page - Intersil Corporation

  DG201 Datasheet HTML 1Page - Intersil Corporation DG201 Datasheet HTML 2Page - Intersil Corporation DG201 Datasheet HTML 3Page - Intersil Corporation DG201 Datasheet HTML 4Page - Intersil Corporation DG201 Datasheet HTML 5Page - Intersil Corporation DG201 Datasheet HTML 6Page - Intersil Corporation DG201 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
Typical Applications
Using the VREF Terminal
The DG201 has an internal voltage divider setting the TTL
threshold on the input control lines for V+ equal to +15V. The
schematic shown in Figure 4 with nominal resistor values,
gives approximately 2.4V on the VREF pin. As the TTL input
signal goes from +0.8V to +2.4V, Q1 and Q2 switch states to
turn the switch ON and OFF. If the power supply voltage is
less than +15V, then a resistor (REXT) must be added
between V+ and the VREF pin, to restore +2.4V at VREF.
The table shows the value of this resistor for various supply
voltages, to maintain TTL compatibility. If CMOS logic levels
with a +5V supply are being used, the threshold shifts are
less critical, but a separate column of suitable values is given
in the table. For logic swings of -5V to + 5V, no resistor is
needed.
In general, the “low” logic level should be <0.8V to prevent
Q1 and Q2 from both being ON together (this will cause
incorrect switch function).
Test Circuits
FIGURE 1. tON AND tOFF TEST CIRCUIT
FIGURE 2. CHARGE INJECTION TEST CIRCUIT
FIGURE 3. OFF ISOLATION TEST CIRCUIT
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
10pF
VOUT
1k
Ω
0V
3V
LOGIC
INPUT
ANALOG
INPUT 10V
10nF
VOUT
VOUT
100
Ω
2VP-P AT 1MHz
LOGIC
INPUT
51
Ω
ANALOG INPUT
3V
TABLE 1.
V+ SUPPLY (V)
REXT FOR TTL
LEVELS (k
Ω)
REXT FOR CMOS
LEVELS (k
Ω)
+15
-
-
+12
420
-
+10
190
-
+9
136
136
+8
98
98
+7
70
70
V+
Q1
118k
Ω
VREF
23k
Ω
REXT
Q2
GATE
PROTECTION
RESISTOR
INPUT
FIGURE 4.
DG201



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com