Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201 Datasheet(PDF) 5 Page - Intersil Corporation

Part # DG201
Description  CMOS Quad SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201 Datasheet(HTML) 5 Page - Intersil Corporation

  DG201 Datasheet HTML 1Page - Intersil Corporation DG201 Datasheet HTML 2Page - Intersil Corporation DG201 Datasheet HTML 3Page - Intersil Corporation DG201 Datasheet HTML 4Page - Intersil Corporation DG201 Datasheet HTML 5Page - Intersil Corporation DG201 Datasheet HTML 6Page - Intersil Corporation DG201 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
5
Typical Performance Curves
FIGURE 5. rDS(ON) vs VD AND TEMPERATURE
FIGURE 6. rDS(ON) vs VD AND POWER SUPPLY VOLTAGE
FIGURE 7. ID(ON) vs TEMPERATURE
FIGURE 8. IS(OFF) OR ID(OFF) vs TEMPERATURE
100
50
0
-15
-10
-5
0
5
10
15
DRAIN VOLTAGE (V)
125oC
25oC
-55oC
V+ = +15V
V- = -15V
100
50
0
-15
-10
-5
0
5
10
15
DRAIN VOLTAGE (V)
A
B
C
D
A: V+ = +15V, V- = -15V
B: V+ = +12V, V- = -12V
C: V+ = +10V, V- = -10V
D: V+ = +8V,
V- = -8V
10
1
0.1
0.01
25
45
65
85
105
125
TEMPERATURE (oC)
10
1
0.1
0.01
25
45
65
85
105
125
TEMPERATURE (oC)
DG201



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com