Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201 Datasheet(PDF) 1 Page - Intersil Corporation

Part # DG201
Description  CMOS Quad SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201 Datasheet(HTML) 1 Page - Intersil Corporation

  DG201 Datasheet HTML 1Page - Intersil Corporation DG201 Datasheet HTML 2Page - Intersil Corporation DG201 Datasheet HTML 3Page - Intersil Corporation DG201 Datasheet HTML 4Page - Intersil Corporation DG201 Datasheet HTML 5Page - Intersil Corporation DG201 Datasheet HTML 6Page - Intersil Corporation DG201 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
File Number
3115.4
DG201
CMOS Quad SPST Analog Switch
The DG201 solid state analog switch is designed using an
improved, high voltage CMOS monolithic technology. It
provides ease-of-use and performance advantages not
previously available from solid state switches. Destructive
latch-up of solid state analog gates have been eliminated by
Intersil’s CMOS technology.
The DG201 is completely specification and pinout
compatible with the industry standard devices.
Functional Diagram
Features
• Switches Greater than 28VP-P Signals with ±15V Supplies
• Break-Before-Make Switching
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 250ns
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 700ns
• TTL, DTL, CMOS, PMOS Compatible
• Non-Latching with Supply Turn-Off
• Complete Monolithic Construction
• Industry Standard (DG201)
Applications
• Data Acquisition
• Sample and Hold Circuits
• Operational Amplifier Gain Switching Networks
Pinout
DG201 (PDIP)
TOP VIEW
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
PKG.
NO.
DG201CJ
0 to 70
16 Ld PDIP
E16.3
TRUTH TABLE
LOGIC
DG201
0ON
1
OFF
N
P
IN
S
D
DG201 SWITCH CELL
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IN1
D1
S1
V-
GND
S4
IN4
D4
IN2
S2
V+(SUBSTRATE)
VREF
S3
D3
IN3
D2
SWITCHES SHOWN FOR LOGIC “1” INPUT
Data Sheet
January 2000
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 2000


Similar Part No. - DG201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG201 INTERSIL-DG201 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
DG201 INTERSIL-DG201 Datasheet
4Mb / 122P
P-CHANNEL JFET
DG201 INTERSIL-DG201 Datasheet
2Mb / 117P
Analog Switches and Multiplexers
logo
Vishay Siliconix
DG2011 VISHAY-DG2011 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
16-Jan-06
DG2011DX-T1 VISHAY-DG2011DX-T1 Datasheet
113Kb / 8P
Low-Voltage, Low rON, Single SPDT Analog Switch In SC-89 Package
16-Jan-06
More results

Similar Description - DG201

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
DG308A INTERSIL-DG308A Datasheet
113Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
November 1999
logo
Maxim Integrated Produc...
HI-201 MAXIM-HI-201 Datasheet
199Kb / 8P
Quad SPST CMOS Analog Switch
logo
Vishay Siliconix
DG221B VISHAY-DG221B Datasheet
58Kb / 6P
Quad SPST CMOS Analog Switch with Latches
23-Apr-01
logo
Intersil Corporation
DG201 INTERSIL-DG201_01 Datasheet
173Kb / 7P
CMOS Quad SPST Analog Switch
May 2001
DG308A INTERSIL-DG308A_01 Datasheet
187Kb / 7P
Quad Monolithic SPST, CMOS Analog Switch
May 2001
logo
Analog Devices
AD7516 AD-AD7516_15 Datasheet
730Kb / 2P
CMOS QUAD SPST ANALOG SWITCH
ADG201S AD-ADG201S Datasheet
496Kb / 7P
High Speed Quad SPST CMOS Analog Switch
23-Feb-2017
logo
Vishay Siliconix
DG221B VISHAY-DG221B_V01 Datasheet
171Kb / 10P
Quad SPST CMOS Analog Switch with Latches
11-Feb-08
logo
Renesas Technology Corp
HI-201 RENESAS-HI-201 Datasheet
561Kb / 11P
Quad SPST CMOS Analog Switch
April 9, 2012
HI-201HS RENESAS-HI-201HS Datasheet
781Kb / 12P
High Speed, Quad SPST, CMOS Analog Switch
September 2004
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com