Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DG201 Datasheet(PDF) 3 Page - Intersil Corporation

Part # DG201
Description  CMOS Quad SPST Analog Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

DG201 Datasheet(HTML) 3 Page - Intersil Corporation

  DG201 Datasheet HTML 1Page - Intersil Corporation DG201 Datasheet HTML 2Page - Intersil Corporation DG201 Datasheet HTML 3Page - Intersil Corporation DG201 Datasheet HTML 4Page - Intersil Corporation DG201 Datasheet HTML 5Page - Intersil Corporation DG201 Datasheet HTML 6Page - Intersil Corporation DG201 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
3
Absolute Maximum Ratings
Thermal Information
V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36V
V+ to VD. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
VD to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
VD to VS. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 28V
VREF to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 33V
VREF to VIN . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30V
VREF to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
VIN to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V
Current (Any Terminal). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
Operating Conditions
Temperature Range
“C” Suffix . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
90
N/A
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .150oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC, V+ = +15V, V- = -15V
PARAMETER
TEST CONDITIONS
“C” SUFFIX
UNITS
0oC
(NOTE 2)
25oC70oC
DYNAMIC CHARACTERISTICS
Turn-ON Time (Note 3), tON
RL =1kΩ,VANALOG = -10V to +10V (Figure 1)
-
1.0
-
µs
Turn-OFF Time (Note 3), tOFF
RL =1kΩ,VANALOG = -10V to +10V (Figure 1)
-
0.5
-
µs
Charge Injection, Q
Figure 2
-
20 (Typ)
-
mV
Off Isolation Rejection Ratio, OIRR
f = 1MHz, RL = 100Ω, CL ≤ 5pF, (Figure 3)
-
50 (Typ)
-
dB
Crosstalk (Channel-to-Channel), CCRR
One Channel Off
-
-50 (Typ)
-
dB
DIGITAL INPUT CHARACTERISTICS
Input Logic Current, IIN(ON)
VIN = 0.8V (Note 3)
±1
±1
±10
µA
Input Logic Current, IN(OFF)
VIN = 2.4V (Note 3)
±1
±1
±10
µA
ANALOG SWITCH CHARACTERISTICS
Analog Signal Range, VANALOG
-
±15 (Typ)
-
V
Drain-Source ON Resistance, rDS(ON)
IS = 10mA, VANALOG = ±10V
100
100
125
Ω
Channel-to-Channel
rDS(ON) Match, rDS(ON)
-
30 (Typ)
-
Ω
Drain OFF Leakage Current, ID(OFF)
VANALOG = -14V to +14V
-
±5
100
nA
Source OFF Leakage Current, IS(OFF)
VANALOG = -14V to +14V
-
±5
100
nA
Channel ON Leakage
Current, ID(ON) + IS(ON)
VD = VS = -14V to +14V
-
±5
200
nA
POWER SUPPLY CHARACTERISTICS
Supply Current, I+ Positive
VIN = 0V or VIN = 5V
2000
1000
2000
µA
Supply Current, I- Negative
2000
1000
2000
µA
NOTES:
2. Typical values are for design aid only, not guaranteed and not subject to production testing.
3. All channels are turned off by high “1” logic inputs and all channels are turned on by low “0” inputs; however 0.8V to 2.4V describes the minimum
range for switching properly. Peak input current required for transition is typically -120
µA.
DG201



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com