Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 4Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 5Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 6Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 7Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 8 of 19
Figure 10. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 1 kΩ
(AV = 10 dB, at 3 V and 5 V Supplies)
Figure 11. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 150 Ω
(AV = 10 dB)
Figure 12. Noise Spectral Density (RTI) vs. Frequency
(RL = 150 Ω, 5 V Supply, AV = 10 dB)
Figure 13. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 1 kΩ Using
Single-Ended Input (AV = 10 dB)
Figure 14. Harmonic Distortion vs. Frequency for 2 V p-p into RL = 150 Ω
Using Single-Ended Input (AV = 10 dB)
Figure 15. Noise Spectral Density (RTI) vs. Frequency
(RL = 150 Ω, 3 V Supply, AV = 10 dB)
–30
–40
–50
–60
–70
–80
–90
–100
–45
–55
–65
–75
–85
–95
–105
–115
0
250
225
200
175
150
125
100
75
50
25
FREQUENCY (MHz)
DIFFERENTIAL INPUT
HD3
HD3
HD2
HD2
0
–90
–80
–70
–60
–50
–40
–30
–20
–10
–20
–110
–100
–90
–80
–70
–60
–50
–40
–30
0
250
225
200
175
150
125
100
75
50
25
FREQUENCY (MHz)
DIFFERENTIAL INPUT
HD3
HD3
HD2
HD2
3.00
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
0
250
200
150
100
50
FREQUENCY (MHz)
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
0100
80
60
40
20
90
70
50
30
10
FREQUENCY (MHz)
SINGLE-ENDED INPUT
HD2
HD3
–50
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
0100
80
60
40
20
90
70
50
30
10
FREQUENCY (MHz)
SINGLE-ENDED INPUT
HD2
HD3
3.00
2.50
2.55
2.60
2.65
2.70
2.75
2.80
2.85
2.90
2.95
0
250
200
150
100
50
FREQUENCY (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com