Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ACPZ-R7 Datasheet(PDF) 13 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 13 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 13 of 19
Figure 35 illustrates a surface acoustic wave (SAW) filter interface.
Many SAW filters are inherently differential, allowing for a low
loss output match. In this example, the SAW filter requires a 50 Ω
source impedance to provide the desired center frequency and
Q. The series L shunt C output network provides a 150 Ω to
50 Ω impedance transformation at the desired frequency of
operation. The impedance transformation is illustrated on a
Smith chart in Figure 36.
It is possible to drive a single-ended SAW filter by connecting
the unused output to ground using the appropriate terminating
resistance. The overall gain of the system is reduced by 6 dB
because only half of the signal is available to the input of the
SAW filter.
Figure 36. Smith Chart Representation of SAW Filter Output Matching Network
Figure 37. Single-Ended Application
SINGLE-ENDED-TO-DIFFERENTIAL OPERATION
The AD8351 can easily be configured as a single-ended-to-
differential gain block, as illustrated in Figure 37. The input signal
is ac-coupled and applied to the INHI input. The unused input
is ac-coupled to ground. Select the values of C1 through C4 such
that their reactances are negligible at the desired frequency of
operation. To balance the outputs, an external feedback resistor,
RF, is required. To select the gain resistor and the feedback resistor,
refer to Figure 38 and Figure 39. From Figure 38, select an RG for
the required dB gain at a given load. Next, select from Figure 39
an RF resistor for the selected RG and load.
Even though the differential balance is not perfect under these
conditions, the distortion performance is still impressive. Figure 13
and Figure 14 show the second and third harmonic distortion
performance when driving the input of the AD8351 using a
single-ended 50 Ω source.
Figure 38. Gain Selection
Figure 39. Feedback Resistor Selection
ADC DRIVING
The circuit in Figure 40 represents a simplified front end of the
AD8351 driving the AD6645, which is a 14-bit, 105 MSPS ADC.
For optimum performance, the AD6645 and the AD8351 are
driven differentially. The resistors R1 and R2 present a 50 Ω
differential input impedance to the source with R3 and R4
providing isolation from the analog-to-digital input. The gain
setting resistor for the AD8351 is RG. The AD6645 presents a
1 kΩ differential load to the AD8351 and requires a 2.2 V p-p
differential signal between AIN and AIN for a full-scale output.
This AD8351 circuit then provides the gain, isolation, and source
matching for the AD6645. The AD8351 also provides a balanced
input, not provided by the balun, to the AD6645, which is essential
for second-order cancellation. The signal generator is bipolar,
centered around ground. Connecting the VOCM pin (Pin 10 on
the MSOP and Pin 13 on the LFCSP) of the AD8351 to the VREF
pin of the AD6645 sets the common-mode output voltage of the
AD8351 at 2.4 V. This voltage is bypassed with a 0.1 μF capacitor.
Increasing the gain of the AD8351 increases the system noise and
thus decrease the SNR but does not significantly affect the
distortion. The circuit in Figure 40 can provide SFDR performance
of better than −90 dBc with a 10 MHz input and −80 dBc with a
70 MHz input at a gain of 10 dB.
200
0
50Ω
150Ω
SERIES L
SHUNT C
500
100
50
25
10
100
500
50
25
10
200
AD8351
RL
RF
RG
0.1µF
0.1µF
0.1µF
50Ω
50Ω
25Ω
0.1µF
35
30
25
20
15
10
5
0
10
1000
100
RG (Ω)
RL = 1000Ω
RL = 150Ω
RL = 500Ω
7
6
5
4
3
2
1
0
10
1000
100
RG (Ω)
RL = 1000Ω
RL = 150Ω
RL = 500Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com