Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ACPZ-R7 Datasheet(PDF) 15 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 17Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 18Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 19Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 15 / 19 page
background image
Data Sheet
AD8351
Rev. D | Page 15 of 19
Due to package parasitic capacitance on the RG ports, high RG
values (low gain) cause high ac-peaking inside the pass band,
resulting in poor settling in the time domain. As an example,
when driving a 1 kΩ load, using 25 Ω for RIP reduces the peaking
by ~7 dB for RG equal to 200 Ω (AV = 10 dB) (see Figure 44).
Figure 44. Reducing Gain Peaking with Parasitic Suppressing Resistors
(RIP = 25 Ω, RL = 1 kΩ)
It is important to ensure that all I/O, ground, and RG port traces
be kept as short as possible. In addition, the ground plane must
be removed from under the package. Due to the inverse relation-
ship between the gain of the device and the value of the RG resistor,
any parasitic capacitance on the RG ports can result in gain-peaking
at high frequencies. Following the precautions outlined in Figure 45
helps to reduce parasitic board capacitance, thus extending the
bandwidth of the device and reducing potential peaking or
oscillation.
Figure 45. General Description of Recommended Board Layout for
High-Z Load Conditions (10-Lead MSOP Package)
TRANSMISSION LINE EFFECTS
As noted, stray transmission line capacitance, in combination
with package parasitics, can potentially form a resonant circuit
at high frequencies, resulting in excessive gain peaking. RF
transmission lines connecting the input and output networks
must be designed to minimize stray capacitance. The output
single-ended source impedance of the AD8351 is dynamically
set to a nominal value of 75 Ω. Therefore, for a matched load
termination, design the characteristic impedance of the output
transmission lines to be 75 Ω. In many situations, the final load
impedance may be relatively high, greater than 1 kΩ. It is sug-
gested that the board be designed as shown in Figure 45 for high
impedance load conditions. In most practical board designs, this
requires that the printed circuit board traces be dimensioned to
a small width (~5 mils) and that the underlying and adjacent
ground planes are far enough away to minimize capacitance.
Typically the driving source impedance into the device is below
and terminating resistors are used to prevent input reflections.
The transmission line must be designed to have the appropriate
characteristic impedance in the low-Z region. The high impedance
environment between the terminating resistors and device input
pins must not have ground planes underneath or near the signal
traces. Small parasitic suppressing resistors may be necessary at
the device input pins to help desensitize (de-Q) the resonant
effects of the device bond wires and surrounding parasitic board
capacitance. Typically, 25 Ω series resistors (size 0402) adequately
de-Q the input system without a significant decrease in ac
performance.
Figure 46 illustrates the value of adding input and output series
resistors to help desensitize the resonant effects of board parasitics.
Overshoot and undershoot can be significantly reduced with
the simple addition of RIP and ROP.
Figure 46. Step Response Characteristics With and Without Input and Output
Parasitic Suppression Resistors
10
100
1k
10k
FREQUENCY (MHz)
0
25
20
10
15
5
NO RIP
RIP = 25Ω
2
1
3
4
5
9
10
8
7
6
RIP
RIP
RT
RT
RG
ROP
ROP
HIGH-Z
AGND
AGND
COPLANAR
WAVEGUIDE
OR µSTRIP
01
234
TIME (ns)
–1.5
1.5
1.0
0
0.5
–1.0
–0.5
NO RIP OR ROP
RIP = ROP = 25Ω
ROP = 25Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com