Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD8351ACPZ-R7 Datasheet(PDF) 12 Page - Analog Devices

Part # AD8351ACPZ-R7
Description  Low Distortion Differential RF/IF Amplifier
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8351ACPZ-R7 Datasheet(HTML) 12 Page - Analog Devices

Back Button AD8351ACPZ-R7 Datasheet HTML 8Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 9Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 10Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 11Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 12Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 13Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 14Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 15Page - Analog Devices AD8351ACPZ-R7 Datasheet HTML 16Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
AD8351
Data Sheet
Rev. D | Page 12 of 19
THEORY OF OPERATION
BASIC CONCEPTS
Differential signaling is used in high performance signal chains,
where distortion performance, signal-to-noise ratio, and low
power consumption is critical. Differential circuits inherently
provide improved common-mode rejection and harmonic
distortion performance as well as better immunity to
interference and ground noise.
Figure 33. Differential Circuit Representation
Figure 33 illustrates the expected input and output waveforms
for a typical application. Usually the applied input waveform is a
balanced differential drive, where the signal applied to the INHI
and INLO pins are equal in amplitude and differ in phase by 180°.
In some applications, baluns may be used to transform a single-
ended drive signal to a differential signal. The AD8351 may also
be used to transform a single-ended signal to a differential signal.
GAIN ADJUSTMENT
The differential gain of the AD8351 is set using a single external
resistor, RG, which is connected between the RGP1 pin and the
RGP2 pin. The gain can be set to any value between 0 dB and 26 dB
using the resistor values specified in Figure 5, with common gain
values provided in Table 4. The board traces used to connect the
external gain resistor must be balanced and as short as possible to
help prevent noise pickup and to ensure balanced gain and stability.
The low frequency voltage gain of the AD8351 can be modeled as


IN
OUT
G
F
L
G
L
G
L
F
G
L
V
V
V
R
R
R
R
R
R
R
R
R
R
A
39
5
.
19
6
.
4
2
.
9
)
6
.
5
(
where:
RF is 350 Ω (internal).
RL is the single-ended load resistance.
RG is the gain setting resistor.
Table 4. Gain Resistor Selection for Common Gain Values
(Load Resistance Is Specified as Single-Ended)
Gain, AV
RG (RL = 75 Ω)
RG (RL = 500 Ω)
0 dB
680 Ω
2 kΩ
6 dB
200 Ω
470 Ω
10 dB
100 Ω
200 Ω
20 dB
22 Ω
43 Ω
COMMON-MODE ADJUSTMENT
The output common-mode voltage level is the dc offset voltage
present at each of the differential outputs. The ac signals are of
equal amplitude with a 180° phase difference but are centered at
the same common-mode voltage level. The common-mode output
voltage level can be adjusted from 1.2 V to 3.8 V by driving the
desired voltage level into the VOCM pin, as illustrated in Figure 34.
Figure 34. Common-Mode Adjustment
INPUT AND OUTPUT MATCHING
The AD8351 provides a moderately high differential input imped-
ance of 5 kΩ. In practical applications, the input of the AD8351
is terminated to a lower impedance to provide an impedance
match to the driving source, as shown in Figure 35. Place the
terminating resistor, RT, as close as possible to the input pins to
minimize reflections due to impedance mismatch. The 150 Ω
output impedance may need to be transformed to provide the
desired output match to a given load. Matching components
can be calculated using a Smith chart or by using a resonant
approach to determine the matching network that results in a
complex conjugate match. The input and output impedances
and reflection coefficients are provided in Figure 22, Figure 23,
Figure 24, and Figure 25. For additional information on reactive
matching to differential sources and loads, refer to the Applications
section of the AD8350 data sheet.
Figure 35. Example of Differential SAW Filter Interface (fC = 190 MHz)
RG
BALANCED
SOURCE
RL
A
A
2A
16
15
14
13
16
15
14
13
RGP1
INHI
INLO
RGP2
1
2
3
4
VPOS
OPHI
OPLO
COMM
12
11
10
9
RL
BALANCED
SOURCE
RG
0.1µF
VS
CDECL
0.1µF
VOCM
1.2V
TO
3.8V
16
15
14
13
5
6
7
8
RGP1
INHI
INLO
RGP2
1
2
3
4
VPOS
OPHI
OPLO
COMM
12
11
10
9
BALANCED
SOURCE
RS
RS
RT
RT
RS = RT
0.1µF
0.1µF
0.1µF
CP
8pF
LS
27nF
LS
27nF
150Ω
50Ω
0.1µF
RG
190MHz SAW
VPOS
AD8351



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com