Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5135 Datasheet(PDF) 8 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 8 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
8
FIGURE 15. MAXIMUM OUTPUT VOLTAGE SWING vs LOAD
RESISTANCE
FIGURE 16. NORMALIZED AC PARAMETERS vs SUPPLY
VOLTAGE
FIGURE 17. CMRR vs FREQUENCY
FIGURE 18. PSRR vs FREQUENCY
FIGURE 19. SETTLING TIME FOR VARIOUS OUTPUT STEP
VOLTAGES
FIGURE 20. POWER SUPPLY CURRENT vs TEMPERATURE
Typical Performance Curves (Continued)
30
25
20
15
10
1
100
10K
LOAD RESISTANCE (
Ω)
5
1K
10
VSUPPLY = ±15V
VSUPPLY = ±10V
VSUPPLY = ±5V
0
1.1
1.0
0.9
0.8
216
18
20
SUPPLY VOLTAGE (
±V)
46
8
10
12
14
0.7
0.6
0
BANDWIDTH
SLEW RATE
140
120
100
80
60
40
20
0
FREQUENCY (Hz)
10
10K
100
1K
100K
1
FREQUENCY (Hz)
10
10K
100
1K
100K
1
140
120
100
80
60
40
20
0
SETTLING TIME (
µs)
02468
-10
-5
0
5
10
10
12
14
16
TO 10mV
TO 1mV
TO 10mV
TO 1mV
VS = ±20V
TEMPERATURE (oC)
±1.4
±1.2
±1.0
±0.8
±0.6
±0.4
±0.2
0
-80
40
160
120
80
-40
0
VS = ±15V
VS = ±10V
VS = ±5V
HA-5135



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com