Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5135 Datasheet(PDF) 2 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 2 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
Absolute Maximum Ratings
Thermal Information
Voltage Between V+ and V- Terminals. . . . . . . . . . . . . . . . . . . . 40V
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 7V
Output Short Circuit Duration. . . . . . . . . . . . . . . . . . . . . . . Indefinite
Operating Conditions
Temperature Ranges
HA-5135-5 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 75oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
CERDIP Package . . . . . . . . . . . . . . . . .
135
50
Maximum Junction Temperature (Note 1) . . . . . . . . . . . . . . . . 175oC
Maximum Storage Temperature Range . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Maximum power dissipation, including output load, must be designed to maintain the maximum junction temperature below 175oC.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VSUPPLY = ±15V
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA-5135-5
UNITS
MIN
TYP
MAX
INPUT CHARACTERISTICS
Offset Voltage
25
-
10
75
µV
Full
-
50
130
µV
Average Offset Voltage Drift
Full
-
0.4
1.3
µV/oC
Bias Current
25
-
±1
±4nA
Full
-
-
±6nA
Bias Current Average Drift
Full
-
0.02
0.04
nA/oC
Offset Current
25
-
-
4
nA
Full
-
-
5.5
nA
Offset Current Average Drift
Full
-
0.02
0.04
nA/oC
Common Mode Range
Full
±12
-
-
V
Differential Input Resistance
25
20
30
-
M
Ω
Input Noise Voltage (Note 3)
0.1Hz to 10Hz
25
-
-
0.6
µVP-P
Input Noise Voltage Density
(Note 3)
f = 10Hz
25
-
13.0
18.0
nV/
√Hz
f = 100Hz
-
10.0
13.0
nV/
√Hz
f = 1000Hz
-
9.0
11.0
nV/
√Hz
Input Noise Current (Note 3)
0.1Hz to 10Hz
25
-
15
30
pAP-P
Input Noise Current Density
(Note 3)
f = 10Hz
25
-
0.4
0.8
pA/
√Hz
f = 100Hz
-
0.17
0.23
pA/
√Hz
f = 1000Hz
-
0.14
0.17
pA/
√Hz
TRANSFER CHARACTERISTICS
Large Signal Voltage Gain
VOUT = ±10V, RL = 2kΩ
25
120
140
-
dB
Full
120
-
-
dB
Common Mode Rejection Ratio
VCM = ±10V
Full
106
120
-
dB
Closed Loop Bandwidth
AVCL = +1
25
0.6
2.5
-
MHz
OUTPUT CHARACTERISTICS
Output Voltage Swing
RL = 600Ω
25
±10
±12
-
V
Full
±10
-
-
V
HA-5135



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com