Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5135 Datasheet(PDF) 1 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 1 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
File Number
2907.4
HA-5135
2.5MHz, Precision Operational Amplifier
The Intersil HA-5135 is a precision operational amplifier
manufactured using a combination of key technological
advancements to provide outstanding input characteristics.
A Super Beta input stage is combined with laser trimming,
dielectric isolation and matching techniques to produce
75
µV (Maximum) input offset voltage and 0.4µV/oC input
offset voltage average drift. Other features enhanced by this
process include 9nV/
√Hz (Typ) Input Noise Voltage, 1nA
Input Bias Current and 140dB Open Loop Gain.
These features coupled with 120dB CMRR and PSRR make
the HA-5135 an ideal device for precision DC instrumentation
amplifiers. Excellent input characteristics in conjunction with
2.5MHz bandwidth and 0.8V/
µs slew rate, make this
amplifier extremely useful for precision integrator and
biomedical amplifier designs. This amplifier is also well
suited for precision data acquisition and for accurate
threshold detector applications.
HA-5135 offers added features over the industry standard
OP-07 in regards to bandwidth and slew rate specifications.
For the military grade product, refer to the HA-5135/883 data
sheet.
Pinout
HA-5135
(CERDIP)
TOP VIEW
NOTE: Both BAL 1 pins are connected together internally.
Features
• Low Offset Voltage . . . . . . . . . . . . . . . . . . . . . 75
µV (Max)
• Low Offset Voltage Drift . . . . . . . . . . . . . . . . . . . 0.4
µV/oC
• Low Noise. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9nV/
√Hz
• Open Loop Gain . . . . . . . . . . . . . . . . . . . . . . . . . . . 140dB
• Unity Gain Bandwidth. . . . . . . . . . . . . . . . . . . . . . 2.5MHz
• All Bipolar Construction
Applications
• High Gain Instrumentation
• Precision Data Acquisition
• Precision Integrators
• Biomedical Amplifiers
• Precision Threshold Detectors
1
2
3
4
8
7
6
5
V+
OUT
BAL
V-
+
BAL 1
BAL 1
-IN
+IN
-
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NO.
HA7-5135-5
0 to 75
8 Ld CERDIP
F8.3A
Data Sheet
April 1999
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 321-724-7143
| Copyright
© Intersil Corporation 1999


Similar Part No. - HA-5135

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HA-5135 INTERSIL-HA-5135 Datasheet
308Kb / 10P
2.5MHz, Precision Operational Amplifier
January 2004
logo
Renesas Technology Corp
HA-5135 RENESAS-HA-5135 Datasheet
315Kb / 10P
2.5MHz, Precision Operational Amplifier
January 2004
logo
Intersil Corporation
HA-5135/883 INTERSIL-HA-5135/883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
HA-5135 INTERSIL-HA-5135_04 Datasheet
308Kb / 10P
2.5MHz, Precision Operational Amplifier
January 2004
More results

Similar Description - HA-5135

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT1001 LINER-LT1001 Datasheet
326Kb / 12P
Precision Operational Amplifier
OP-07CSB LINER-OP-07CSB Datasheet
158Kb / 3P
Precision Operational Amplifier?
logo
Maxim Integrated Produc...
MXL1001 MAXIM-MXL1001 Datasheet
42Kb / 4P
Precision Operational Amplifier
19-0286; Rev 1; 8/94
logo
Intersil Corporation
HA-5135883 INTERSIL-HA-5135883 Datasheet
110Kb / 5P
Precision Operational Amplifier
June 2004
UA777 INTERSIL-UA777 Datasheet
389Kb / 6P
Precision Operational Amplifier
HA-5135 INTERSIL-HA-5135_04 Datasheet
308Kb / 10P
2.5MHz, Precision Operational Amplifier
January 2004
logo
Linear Technology
LT1001 LINER-LT1001_02 Datasheet
191Kb / 16P
Precision Operational Amplifier
logo
New Japan Radio
NJM2729 NJRC-NJM2729 Datasheet
1Mb / 18P
Precision Operational Amplifier
logo
ON Semiconductor
LM308A ONSEMI-LM308A Datasheet
215Kb / 8P
Precision Operational Amplifier
March, 2005 ??Rev. XXX
logo
Renesas Technology Corp
HA-5135 RENESAS-HA-5135 Datasheet
315Kb / 10P
2.5MHz, Precision Operational Amplifier
January 2004
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com