Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HA-5135 Datasheet(PDF) 3 Page - Intersil Corporation

Part # HA-5135
Description  2.5MHz, Precision Operational Amplifier
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HA-5135 Datasheet(HTML) 3 Page - Intersil Corporation

  HA-5135 Datasheet HTML 1Page - Intersil Corporation HA-5135 Datasheet HTML 2Page - Intersil Corporation HA-5135 Datasheet HTML 3Page - Intersil Corporation HA-5135 Datasheet HTML 4Page - Intersil Corporation HA-5135 Datasheet HTML 5Page - Intersil Corporation HA-5135 Datasheet HTML 6Page - Intersil Corporation HA-5135 Datasheet HTML 7Page - Intersil Corporation HA-5135 Datasheet HTML 8Page - Intersil Corporation HA-5135 Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
Full Power Bandwidth (Note 4)
RL = 2kΩ
25
8
10
-
kHz
Output Current
VOUT = 10V
25
±15
±20
-
mA
Output Resistance
Note 5
25
-
45
-
Ω
TRANSIENT RESPONSE (Note 6)
Rise Time
25
-
340
-
ns
Slew Rate
25
0.5
0.8
-
V/
µs
Settling Time (Note 7)
25
-
11
-
µs
POWER SUPPLY CHARACTERISTICS
Supply Current
Full
-
1.0
1.7
mA
Power Supply Rejection Ratio
VS = ±5V to ±20V
Full
94
130
-
dB
NOTES:
3. Not tested. 90% of units meet or exceed these specifications.
4. Full power bandwidth guaranteed based on slew rate measurement using:
.
5. Output resistance measured under open loop conditions (f = 100Hz).
6. Refer to test circuits section of the data sheet.
7. Settling time is measured to 0.1% of final value for a 10V output step and AV = -1.
Electrical Specifications
VSUPPLY = ±15V (Continued)
PARAMETER
TEST CONDITIONS
TEMP.
(oC)
HA-5135-5
UNITS
MIN
TYP
MAX
FPBW
Slew Rate
2
π V
PEAK
-------------------------------
=
Test Circuits and Waveforms
FIGURE 1. SLEW RATE AND TRANSIENT RESPONSE TEST CIRCUIT
SMALL SIGNAL RESPONSE
LARGE SIGNAL RESPONSE
IN
100pF
OUT
2k
Ω
+
-
OUTPUT
INPUT
0V
0V
Vertical Scale: Input = 50mV/Div. Output = 100mV/Div.
Horizontal Scale: 1
µs/Div.
OUTPUT
INPUT
0V
0V
Vertical Scale: 5V/Div.
Horizontal Scale: 5
µs/Div.
HA-5135



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com