Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 3 Page - NEC

Part # UPC1663
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663 Datasheet(HTML) 3 Page - NEC

  UPC1663 Datasheet HTML 1Page - NEC UPC1663 Datasheet HTML 2Page - NEC UPC1663 Datasheet HTML 3Page - NEC UPC1663 Datasheet HTML 4Page - NEC UPC1663 Datasheet HTML 5Page - NEC UPC1663 Datasheet HTML 6Page - NEC UPC1663 Datasheet HTML 7Page - NEC UPC1663 Datasheet HTML 8Page - NEC UPC1663 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet G11024EJ6V0DS00
3
µµµµPC1663
ABSOLUTE MAXIMUM RATINGS (TA = +25 °C)
Parameter
Symbol
µPC1663G
µPC1663GV
Unit
Supply Voltage
VCC±
±7
±7V
Power Dissipation
PD
280 (TA = +75°C)
Note
280 (TA = +75
°C)Note
mW
Differential Input Voltage
VID
±5
±5V
Input Voltage
VICM
±6
(within VCC− to VCC
+ range)
±6
(within VCC− to VCC
+ range)
V
Output Current
IO
35
35
mA
Operating Ambient Temperature
TA
−45 to +75
−45 to +75
°C
Storage Temperature
Tstg
−55 to +150
−55 to +150
°C
Note
Mounted on double sided copper clad 50
× 50 × 1.6 mm epoxy glass PWB
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Supply Voltage
VCC±
±2
±6
±6.5
V
Output Source Current
IO source
——
20
mA
Output Sink Current
IO sink
——
2.5
mA
Operating Frequency Range
fopt
DC
—
200
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com