Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 1 Page - NEC

Part # UPC1663
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663 Datasheet(HTML) 1 Page - NEC

  UPC1663 Datasheet HTML 1Page - NEC UPC1663 Datasheet HTML 2Page - NEC UPC1663 Datasheet HTML 3Page - NEC UPC1663 Datasheet HTML 4Page - NEC UPC1663 Datasheet HTML 5Page - NEC UPC1663 Datasheet HTML 6Page - NEC UPC1663 Datasheet HTML 7Page - NEC UPC1663 Datasheet HTML 8Page - NEC UPC1663 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
Caution Electro-static sensitive devices
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC1663
DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
DATA SHEET
Document No. G11024EJ6V0DS00 (6th edition)
Date Published September 1999 N CP(K)
Printed in Japan
The mark
shows major revised points.
1987, 1999
©
DESCRIPTION
The
µPC1663 is a differential input, differential output wideband amplifier IC that uses an high frequency silicon
bipolar process. This process improves bandwidth phase characteristics, input noise voltage characteristics, and low
power consumption when compared to conventional HF-band differential amplifier ICs.
These features make this device suitable as a wideband amplifier in high-definition TVs, high-resolution monitors,
broadcasting satellite receivers, and video cameras, as a sense amplifier in high-density CCD and optical pick-up
products, or as a pulse amplifier for optical data links.
These ICs are manufactured using NEC’s 6 GHz fT NESAT
TM I silicon bipolar process. This process uses silicon
nitride passivation film and gold electrodes. These materials can protect chip surface from external pollution and
prevent corrosion/migration. Thus, these ICs have excellent performance, uniformity and reliability.
FEATURES
• Bandwidth and typical gain : 120 MHz @ AVOL = 300
700 MHz @ AVOL = 10
• Phase delay
: –85 deg. @ AVOL = 100, 100 MHz
• Input Noise Voltage
: 3
µVr.m.s. (RS = 50 Ω, 10 k to 10 MHz)
• Supply Current
: 13mA TYP. @ VCC± =
±6 V
• Gain adjustable from 10 to 300 with external resistor
• No frequency compensation required (Small phase delay at 10 MHz or less)
ORDERING INFORMATION
Part Number
Package
Marking
Supplying Form
µPC1663G-E1
8-pin plastic SOP (225 mil)
Embossed tape 12 mm wide.
Pin 1 is in tape pull-out direction.
Qty 2.5 kp/reel.
µPC1663GV-E1
8-pin plastic SSOP (175 mil)
1663
Embossed tape 8 mm wide.
Pin 1 is in tape pull-out direction.
Qty 1 kp/reel.
Remark To order evaluation samples, please contact your local NEC sales office. (Part number for sample order:
µPC1663G, µPC1663GV)
Caution
µµµµPC1663C (8-pin plastic DIP) is discontinued.


Similar Part No. - UPC1663

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPC1663 RENESAS-UPC1663 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
UPC1663B RENESAS-UPC1663B Datasheet
443Kb / 10P
BIPOLAR ANALOG INTEGRATED CIRCUITS
1987
logo
NEC
UPC1663G NEC-UPC1663G Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
UPC1663G-E1 NEC-UPC1663G-E1 Datasheet
45Kb / 5P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Renesas Technology Corp
UPC1663G-E1 RENESAS-UPC1663G-E1 Datasheet
462Kb / 18P
BIPOLAR ANALOG INTEGRATED CIRCUIT
1999
More results

Similar Description - UPC1663

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA1077M SONY-CXA1077M Datasheet
126Kb / 7P
WIDEBAND DIFFERENTIAL AMPLIFIER (DC TO 180 MHZ)
logo
Analog Devices
AD8015 AD-AD8015 Datasheet
153Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV.A
logo
Fairchild Semiconductor
UA702QB1 FAIRCHILD-UA702QB1 Datasheet
175Kb / 4P
Wideband DC Amplifier
logo
California Eastern Labs
UPC1663GV CEL-UPC1663GV Datasheet
188Kb / 6P
ULTRA-WIDEBAND DIFFERENTIAL VIDEO AMPLIFIER
logo
Fairchild Semiconductor
KH600 FAIRCHILD-KH600 Datasheet
319Kb / 12P
1GHz, Differential Input/Output Amplifier
logo
Cadeka Microcircuits LL...
KH600 CADEKA-KH600 Datasheet
355Kb / 13P
1GHz, Differential Input/Output Amplifier
logo
Analog Devices
AD8015ARZ AD-AD8015ARZ Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
AD8015 AD-AD8015_15 Datasheet
156Kb / 8P
Wideband/Differential Output Transimpedance Amplifier
REV. A
logo
Unisonic Technologies
PA3138G-P14-R UTC-PA3138G-P14-R Datasheet
166Kb / 6P
Differential Input and Single-Ended Output
logo
Renesas Technology Corp
ISL55020 RENESAS-ISL55020 Datasheet
1Mb / 22P
Wideband, Low Distortion, Differential Amplifier
December 18, 2006
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com