Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 2 Page - NEC

Part # UPC1663
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663 Datasheet(HTML) 2 Page - NEC

  UPC1663 Datasheet HTML 1Page - NEC UPC1663 Datasheet HTML 2Page - NEC UPC1663 Datasheet HTML 3Page - NEC UPC1663 Datasheet HTML 4Page - NEC UPC1663 Datasheet HTML 5Page - NEC UPC1663 Datasheet HTML 6Page - NEC UPC1663 Datasheet HTML 7Page - NEC UPC1663 Datasheet HTML 8Page - NEC UPC1663 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet G11024EJ6V0DS00
2
µµµµPC1663
CONNECTION DIAGRAM
PIN EXPLANATIONS
Pin
No.
Pin
Name
In Dual
Bias
(V)
In Single
Bias
(V)
Functions and Applications
Internal Equivalent Circuit
8
1
IN1
IN2
Pin
voltage
0
Apply
voltage
VCC/2
Input pin
5
4
OUT1
OUT2
Pin
voltage
0
Apply
voltage
VCC/2
Output pin
6VCC
+
±2 to ±6.5
–0.3 to +14
Plus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
3VCC
–
GND
Minus voltage supply pin.
This pin should be
connected with bypass
capacitor to minimize AC
impedance.
7
2
G1A
G1B
—
—
Gain adjustment pin.
External resistor from 0 to
10 k
Ω can be inserted
between pin 2 and 7 to
determine gain value.
(G2A)(G2B)
Note
Note
8
1
7
2
6
5
4
3
Internal circuit constants should be referred to
application note.
Note
µPC1664 which had G2A, G2B of the other gain adjustment pins is discontinued.
Pin No.
Pin Name
1IN2
2G1B
3VCC−
4OUT2
5OUT1
6VCC
+
7G1A
8IN1
8
7
6
5
1
(Top View)
2
3
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com