Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC1663 Datasheet(PDF) 7 Page - NEC

Part # UPC1663
Description  DC to VHF WIDEBAND DIFFERENTIAL INPUT AND OUTPUT AMPLIFIER IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1663 Datasheet(HTML) 7 Page - NEC

Back Button UPC1663 Datasheet HTML 3Page - NEC UPC1663 Datasheet HTML 4Page - NEC UPC1663 Datasheet HTML 5Page - NEC UPC1663 Datasheet HTML 6Page - NEC UPC1663 Datasheet HTML 7Page - NEC UPC1663 Datasheet HTML 8Page - NEC UPC1663 Datasheet HTML 9Page - NEC UPC1663 Datasheet HTML 10Page - NEC UPC1663 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
Data Sheet G11024EJ6V0DS00
7
µµµµPC1663
5.0
4.5
4.0
3.5
3.0
2.5
SINGLE-ENDED OUTPUT VOLTAGE SWING vs.
OPERATING AMBIENT TEMPERATURE
–20
0
+50
+80
+20
Operating Ambient Temperature TA (
°C)
1000
100
10
10
100
1 k
10 k
DIFFERENTIAL VOLTAGE GAIN vs. GAIN ADJUST
RESISTANCE
Gain Adjust Resistance RADJ (
Ω)
50
40
30
20
10
0
–20
0
+50
+80
+20
Operating Ambient Temperature TA (
°C)
INPUT BIAS CURRENT vs.
OPERATING AMBIENT TEMPERATURE
16
15
14
13
12
11
10
–20
0
+50
+80
+20
Operating Ambient Temperature TA (
°C)
SUPPLY CURRENT vs.
OPERATING AMBIENT TEMPERATURE
30
15
10
5
0
±2
Supply Voltage VCC± (V)
SUPPLY CURRENT vs. SUPPLY VOLTAGE
±4
±6
±8
±10
VCC± =
±6 V
VCC± =
±6 V
VCC± =
±6 V
VCC± =
±6 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com