Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP371 Datasheet(PDF) 6 Page - Analog Devices

Part # ADCMP371
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP371 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADCMP371_15 Datasheet HTML 2Page - Analog Devices ADCMP371_15 Datasheet HTML 3Page - Analog Devices ADCMP371_15 Datasheet HTML 4Page - Analog Devices ADCMP371_15 Datasheet HTML 5Page - Analog Devices ADCMP371_15 Datasheet HTML 6Page - Analog Devices ADCMP371_15 Datasheet HTML 7Page - Analog Devices ADCMP371_15 Datasheet HTML 8Page - Analog Devices ADCMP371_15 Datasheet HTML 9Page - Analog Devices ADCMP371_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADCMP370/ADCMP371
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
–5
0
5
10
15
20
30
CM I/P (V)
0
5.5
1.0
1.5
2.0
4.5
5.0
25
3.5
4.0
2.5
3.0
0.5
Figure 4. Input Offset vs. Common-Mode Input Voltage
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
10
20
30
40
50
60
70
80
90
100 110 120 130
INPUT OVERDRIVE (mV)
tPLH +125°C
tPLH +25°C
tPLH –40°C
Figure 5. Propagation Delay vs. Input Overdrive (Low to High)
0
1
2
3
4
5
6
10
20
30
40
50
60
70
80
90
100 110 120 130
INPUT OVERDRIVE (mV)
tPHL +125°C
tPHL +25°C
tPHL –40°C
Figure 6. Propagation Delay vs. Input Overdrive (High to Low)
0
0.5
1.0
1.5
2.0
2.5
3.0
–40
25
85
125
TEMPERATURE (
°C)
t
PHL
t
PLH
Figure 7. Propagation Delay vs. Temperature
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
1
SUPPLY VOLTAGE (V)
+25
°C
5
4
3
2
6
–40
°C
+125
°C
Figure 8. Supply Current vs. Supply Voltage (Output Low)
0
1.0
2.0
3.0
4.0
1
SUPPLY VOLTAGE (V)
–40°C
+25°C
6
5
4
3
2
+125°C
3.5
2.5
1.5
0.5
Figure 9. Supply Current vs. Supply Voltage (Output High)
Rev. D | Page 6 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com