Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP371 Datasheet(PDF) 3 Page - Analog Devices

Part # ADCMP371
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP371 Datasheet(HTML) 3 Page - Analog Devices

  ADCMP371_15 Datasheet HTML 1Page - Analog Devices ADCMP371_15 Datasheet HTML 2Page - Analog Devices ADCMP371_15 Datasheet HTML 3Page - Analog Devices ADCMP371_15 Datasheet HTML 4Page - Analog Devices ADCMP371_15 Datasheet HTML 5Page - Analog Devices ADCMP371_15 Datasheet HTML 6Page - Analog Devices ADCMP371_15 Datasheet HTML 7Page - Analog Devices ADCMP371_15 Datasheet HTML 8Page - Analog Devices ADCMP371_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Data Sheet
ADCMP370/ADCMP371
SPECIFICATIONS
VCC = full operating range, TA = −40°C to +85°C, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
SUPPLY
VCC Operating Voltage Range
2.25
5.5
V
Supply Current
4
7
µA
COMMON-MODE INPUT RANGE
0
VCC
V
INPUT OFFSET VOLTAGE
9
mV
VIN = VCC /2
INPUT OFFSET VOLTAGE AVERAGE DRIFT
5
µV/°C
VCM = 0 V
INPUT BIAS CURRENT
50
nA
VIN = VCC /2
INPUT OFFSET CURRENT
150
nA
VIN = VCC /2
OUT VOLTAGE LOW
0.4
V
IN+ < IN
−, ISINK = 1.2 mA
OUT VOLTAGE HIGH (ADCMP371)
0.8 VCC
V
IN+ > IN
−, ISOURCE = 500 µA
OUT LEAKAGE CURRENT (ADCMP370)
1
µA
IN+ > IN
−, OUT = 22 V
Output Rise Time
30
ns
COUT = 15 pF
Output Fall Time
45
ns
COUT = 15 pF
TIMING
Propagation Delay
5
µs
Input overdrive = 10 mV
2
µs
Input overdrive = 100 mV
Rev. D | Page 3 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com