Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP371 Datasheet(PDF) 10 Page - Analog Devices

Part # ADCMP371
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP371 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADCMP371_15 Datasheet HTML 4Page - Analog Devices ADCMP371_15 Datasheet HTML 5Page - Analog Devices ADCMP371_15 Datasheet HTML 6Page - Analog Devices ADCMP371_15 Datasheet HTML 7Page - Analog Devices ADCMP371_15 Datasheet HTML 8Page - Analog Devices ADCMP371_15 Datasheet HTML 9Page - Analog Devices ADCMP371_15 Datasheet HTML 10Page - Analog Devices ADCMP371_15 Datasheet HTML 11Page - Analog Devices ADCMP371_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
ADCMP370/ADCMP371
Data Sheet
The hysteresis is the difference between these voltage levels and
is given by
)
(
)
(
)
(
R3
R2
R1
R2
R3
R1
R2
R1
V
V
CC
IN
×
+
×
+
×
×
×
=
∆
OUT
VCC = 5V
ADCMP371
IN+
IN–
VOUT
VIN
VIN_LO
= 1.67V
VIN_HI
= 3.33V
VCC
VCC
R3
R1
R2
VIN_HI
VIN_LO
R1
R3
R2
RLOAD
R2 = 1M
Ω
R3 = 1M
Ω
R1 = 1M
Ω
VIN
VOUT HIGH:
VOUT LOW:
Figure 20. Inverting ADCMP371 Comparator Configuration with Hysteresis
For the ADCMP370 configuration, a pull-up resistor is required
for the open-drain output, which affects the hysteresis calcula-
tion. The noninverting ADCMP370 configuration is shown in
Figure 21. The upper switching threshold is
(
)
R2
R2
R1+
= REF
IN_HI
V
V
The lower input threshold level is given by
(
)
PULLUP
CC
PULLUP
R
R2
R1
V
R
R2
R1
+
−
+
+
= REF
IN_LO
V
V
The hysteresis is the difference between these voltage levels
PULLUP
R
R2
R1
+
=
∆
CC
IN
V
V
ADCMP370
IN+
IN–
OUT
R1
R2
VIN
VREF = 2.5V
VCC = 5V
RPULLUP
RLOAD
Figure 21. Noninverting ADCMP370 Comparator Configuration with
Hysteresis
The inverting ADCMP370 configuration is shown in Figure 22.
The upper and lower switching thresholds are
(
) R2
R
R3
R1
R2
V
V
PULLUP
CC
IN_HI
+
+
=
)
(
||
(
)
))
(
(
)
(
))
(
(
)
(
PULLUP
PULLUP
PULLUP
CC
IN_HI
R
R3
R2
R1
R2
R
R3
R1
R
R3
R1
R2
V
V
+
×
+
×
+
+
×
+
+
×
=
(
)
(
))
(
||
)
(
||
PULLUP
PULLUP
CC
IN_LO
R
R3
R2
R1
R
R3
R2
V
V
+
+
+
=
))
(
(
)
(
))
(
(
)
(
PULLUP
PULLUP
PULLUP
CC
IN_LO
R
R3
R2
R1
R2
R
R3
R1
R
R3
R2
V
V
+
×
+
×
+
+
×
+
×
×
=
assuming RLOAD >> R1, R2, R3, RPULLUP.
The hysteresis is the difference between these voltage levels and
is given by
))
(
(
)
(
))
(
(
PULLUP
PULLUP
CC
IN
R
R3
R2
R1
R2
R
R3
R1
R2
R1
V
V
+
×
+
×
+
+
×
×
×
=
∆
ADCMP370
IN+
IN–
OUT
R3
R1
R2
VIN
VCC = 5V
RPULLUP
RLOAD
Figure 22. Inverting ADCMP370 Comparator Configuration with Hysteresis
Rev. D | Page 10 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com