Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP371 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP371
Description  General-Purpose Comparators
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP371 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP371_15 Datasheet HTML 4Page - Analog Devices ADCMP371_15 Datasheet HTML 5Page - Analog Devices ADCMP371_15 Datasheet HTML 6Page - Analog Devices ADCMP371_15 Datasheet HTML 7Page - Analog Devices ADCMP371_15 Datasheet HTML 8Page - Analog Devices ADCMP371_15 Datasheet HTML 9Page - Analog Devices ADCMP371_15 Datasheet HTML 10Page - Analog Devices ADCMP371_15 Datasheet HTML 11Page - Analog Devices ADCMP371_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Data Sheet
ADCMP370/ADCMP371
APPLICATIONS
BASIC COMPARATOR
In its most basic configuration, a comparator can be used to
convert an analog input signal to a digital output signal. The
analog signal on IN+ is compared to the voltage on IN−, and
the voltage at OUT is either high or low, depending on whether
IN+ is at a higher or lower potential than IN−, respectively.
The ADCMP370 and ADCMP371 have different digital output
structures. The ADCMP370 has an open-drain output stage
that requires an external resistor to pull OUT to the logic high
voltage level when the output transistor is switched off. This
voltage level can be as high as 22 V. The same 22 V tolerance
also applies to the inputs of the comparators. The pull-up
resistor should be large enough to avoid excessive power
dissipation but small enough to switch logic levels reasonably
quickly when the comparator output is connected to other
digital circuitry. A suitable value is between 1 kΩ and 10 kΩ.
The ADCMP371 has a push-pull output stage, which has an
internal PMOS pull-up and, therefore, does not require an
external resistor. Faster switching speeds between low and high
rails are possible, but the logic high level is limited to VCC.
ADM331
OUT
V+
VREF
t
VOUT
0V
ADCMP370
VCC
V+
VIN
VREF
VIN
Figure 18. Basic Comparator and Input and Output Signals
ADDING HYSTERESIS
To prevent oscillations at the output caused by noise or slowly
moving signals passing the switching threshold, positive feedback
can be used to add hysteresis to the differential input.
For the noninverting configuration, shown in Figure 19, two
resistors are used to create different switching thresholds,
depending on whether the input signal is increasing or
decreasing in magnitude. When the input voltage is increasing,
the threshold is above VREF, and when it is decreasing, the
threshold is below VREF.
The upper input threshold level is given by
(
)
R2
R2
R1
V
V
REF
IN_HI
+
=
The lower input threshold level is given by
(
)
R2
R1
V
R2
R1
V
V
CC
REF
IN_LO
−
+
=
The hysteresis is the difference between these voltage levels
R2
R1
V
V
CC
IN =
∆
In the example in Figure 19, Resistor R1 and Resistor R2 are
chosen to give 1 V hysteresis about the reference of 2.5 V, with
VCC = 5 V.
ADM331
ADCMP371
VCC = 5V
R2 = 1M
Ω
R1 = 200k
Ω
VREF = 2.5V
IN+
IN–
VIN
VOUT
VIN
VIN_LO
= 2V
VIN_HI
= 3V
OUT
Figure 19. Noninverting ADCMP371 Comparator Configuration with
Hysteresis
With the inverting configuration, the upper and lower
switching thresholds are
(
) R2
R3
R1
R2
V
V
CC
IN_HI
+
=
||
(
)
)
(
)
1
(
)
(
1
R3
R2
R
R2
R3
R1
R3
R
R2
V
V
CC
IN_HI
×
+
×
+
×
+
×
=
(
)
(
)
R3
R2
R1
R3
R2
V
V
CC
IN_LO
||
||
+
=
)
3
(
)
(
)
3
(
3
2
R
R2
R1
R2
R
R1
R
R
V
V
CC
IN_LO
×
+
×
+
×
×
×
=
Rev. D | Page 9 of 12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com