Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 7 Page - Analog Devices

Part # ADCMP604
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADCMP604_15 Datasheet HTML 3Page - Analog Devices ADCMP604_15 Datasheet HTML 4Page - Analog Devices ADCMP604_15 Datasheet HTML 5Page - Analog Devices ADCMP604_15 Datasheet HTML 6Page - Analog Devices ADCMP604_15 Datasheet HTML 7Page - Analog Devices ADCMP604_15 Datasheet HTML 8Page - Analog Devices ADCMP604_15 Datasheet HTML 9Page - Analog Devices ADCMP604_15 Datasheet HTML 10Page - Analog Devices ADCMP604_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Data Sheet
ADCMP604/ADCMP605
PIN CONFIGURATIONS AND FUNCTION DESCRIPTIONS
ADCMP604
TOP VIEW
(Not to Scale)
Q
1
Q
6
VEE 2
VCCI/VCCO
5
VP 3
VN
4
Figure 3. ADCMP604 Pin Configuration
Table 5. ADCMP604 Pin Function Descriptions (6-Lead SC70)
Pin No.
Mnemonic
Description
1
Q
Noninverting Output. Q is at logic high if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN.
2
VEE
Negative Supply Voltage.
3
VP
Noninverting Analog Input.
4
VN
Inverting Analog Input.
5
VCCI/VCCO
Input Section Supply/Output Section Supply. VCCI and VCCO are shared pin.
6
Q
Inverting Output. Q is at logic low if the analog voltage at the noninverting input, VP, is greater than the analog
voltage at the inverting input, VN.
PIN 1
INDICATOR
TOP VIEW
(Not to Scale)
ADCMP605
VCCO 1
VCCI 2
VEE 3
9 VEE
8 LE/HYS
7 SDN
NOTES
1. EXPOSED PAD. IF CONNECTED, THE
EPAD MUST BE CONNECTED TO VEE.
Figure 4. ADCMP605 Pin Configuration
Table 6. ADCMP605 Pin Function Descriptions (12-Lead LFCSP_VQ)
Pin No.
Mnemonic
Description
1
VCCO
Output Section Supply.
2
VCCI
Input Section Supply.
3, 5, 9, 11
VEE
Negative Supply Voltages.
4
VP
Noninverting Analog Input.
6
VN
Inverting Analog Input.
7
SDN
Shutdown. Drive this pin low to shut down the device.
8
LE/HYS
Latch/Hysteresis Control. Bias with resistor or current for hysteresis; drive low to latch.
10
Q
Inverting Output. Q is at Logic low if the analog voltage at the noninverting input, VP, is greater than the
analog voltage at the inverting input, VN, if the comparator is in compare mode.
12
Q
Noninverting Output. Q is at Logic high if the analog voltage at the noninverting input, VP, is greater
than the analog voltage at the inverting input, VN, if the comparator is in compare mode.
Heat Sink Paddle
VEE
The metallic back surface of the package is electrically connected to VEE. It can be left floating because
Pin 3, Pin 5, Pin 9, and Pin 11 provide adequate electrical connection. It can also be soldered to the
application board if improved thermal and/or mechanical stability is desired.
EPAD
Exposed Pad. If connected, the EPAD must be connected to VEE.
Rev. B | Page 7 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com