Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 1 Page - Analog Devices

Part # ADCMP604
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 1 Page - Analog Devices

  ADCMP604_15 Datasheet HTML 1Page - Analog Devices ADCMP604_15 Datasheet HTML 2Page - Analog Devices ADCMP604_15 Datasheet HTML 3Page - Analog Devices ADCMP604_15 Datasheet HTML 4Page - Analog Devices ADCMP604_15 Datasheet HTML 5Page - Analog Devices ADCMP604_15 Datasheet HTML 6Page - Analog Devices ADCMP604_15 Datasheet HTML 7Page - Analog Devices ADCMP604_15 Datasheet HTML 8Page - Analog Devices ADCMP604_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
Single-Supply LVDS Comparators
Data Sheet
ADCMP604/ADCMP605
FEATURES
Fully specified rail to rail at VCCI = 2.5 V to 5.5 V
Input common-mode voltage from −0.2 V to VCCI + 0.2 V
Low glitch LVDS-compatible output stage
1.6 ns propagation delay
37 mW at 2.5 V
Shutdown pin
Single-pin control for programmable hysteresis and latch
Power supply rejection > 60 dB
−40°C to +125°C operation
APPLICATIONS
High speed instrumentation
Clock and data signal restoration
Logic level shifting or translation
Pulse spectroscopy
High speed line receivers
Threshold detection
Peak and zero-crossing detectors
High speed trigger circuitry
Pulse-width modulators
Current-/voltage-controlled oscillators
Automatic test equipment (ATE)
FUNCTIONAL BLOCK DIAGRAM
VP NONINVERTING
INPUT
VN INVERTING
INPUT
SDN INPUT
Q OUTPUT
VCCO
(ADCMP605 ONLY)
VCCI
Q OUTPUT
LE/HYS INPUT
(ADCMP605
ONLY)
ADCMP604/
ADCMP605
LVDS
Figure 1.
GENERAL DESCRIPTION
The ADCMP604/ADCMP605 are very fast comparators fabricated
on the Analog Devices, Inc. proprietary XFCB2 process. These
comparators are exceptionally versatile and easy to use. Features
include an input range from VEE − 0.5 V to VCCI + 0.2 V, low noise,
LVDS-compatible output drivers, and TTL/CMOS latch inputs
with adjustable hysteresis and/or shut-down inputs.
The devices offer 1.5 ns propagation delays with 1 ps rms
random jitter (RJ). Overdrive and slew rate dispersion are
typically less than 50 ps.
A flexible power supply scheme allows the devices to operate
with a single 2.5 V positive supply and a −0.5 V to +2.7 V input
signal range up to a 5.5 V positive supply with a −0.5 V to +5.7 V
input signal range. Split input/output supplies, with no sequencing
restrictions on the ADCMP605, support a wide input signal
range with greatly reduced power consumption.
The LVDS-compatible output stage is designed to drive any
standard LVDS input. The comparator input stage offers robust
protection against large input overdrive, and the outputs do not
phase reverse when the valid input signal range is exceeded. High
speed latch and programmable hysteresis features are also provided
in a unique single-pin control option.
The ADCMP604 is available in a 6-lead SC70 package, and the
ADCMP605 is available in a 12-lead LFCSP.
Rev. B
Document Feedback
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityisassumedbyAnalogDevicesforitsuse,norforanyinfringementsofpatentsorother
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
©2006–2014 Analog Devices, Inc. All rights reserved.
Technical Support
www.analog.com


Similar Part No. - ADCMP604_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604BKSZ-R2 AD-ADCMP604BKSZ-R2 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP604BKSZ-R21 AD-ADCMP604BKSZ-R21 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP604BKSZ-REEL7 AD-ADCMP604BKSZ-REEL7 Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
ADCMP604BKSZ-REEL71 AD-ADCMP604BKSZ-REEL71 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP604BKSZ-RL AD-ADCMP604BKSZ-RL Datasheet
392Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
REV. A
More results

Similar Description - ADCMP604_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADCMP604 AD-ADCMP604 Datasheet
362Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply LVDS Comparators
10/06-Revision 0
ADCMP606 AD-ADCMP606 Datasheet
301Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V, Single-Supply CML Comparators
Mar-2006
ADCMP600 AD-ADCMP600_11 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP600 AD-ADCMP600_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V,
REV. A
ADCMP602 AD-ADCMP602_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP601 AD-ADCMP601_15 Datasheet
291Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. A
ADCMP603 AD-ADCMP603_15 Datasheet
364Kb / 16P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. 0
ADCMP605 AD-ADCMP605_15 Datasheet
301Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP606 AD-ADCMP606_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
ADCMP607 AD-ADCMP607_15 Datasheet
371Kb / 14P
Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
REV. B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com