Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 9 Page - Analog Devices

Part # ADCMP604
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADCMP604_15 Datasheet HTML 5Page - Analog Devices ADCMP604_15 Datasheet HTML 6Page - Analog Devices ADCMP604_15 Datasheet HTML 7Page - Analog Devices ADCMP604_15 Datasheet HTML 8Page - Analog Devices ADCMP604_15 Datasheet HTML 9Page - Analog Devices ADCMP604_15 Datasheet HTML 10Page - Analog Devices ADCMP604_15 Datasheet HTML 11Page - Analog Devices ADCMP604_15 Datasheet HTML 12Page - Analog Devices ADCMP604_15 Datasheet HTML 13Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet
ADCMP604/ADCMP605
Rev. B | Page 9 of 14
HYS PIN CURRENT (µA)
0
50
100
150
200
250
300
350
–18
–16
–14
–12
–10
–8
–6
–4
–2
0
+125°C
+25°C
–40°C
Figure 11. Hysteresis vs. HYS Pin Current
1.0
1.5
2.0
2.5
3.0
3.5
0
1020
30
40
506070
80
90
100
OVERDRIVE (mV)
PROPAGATION
DELAY
Figure 12. Propagation Delay vs. Input Overdrive
1.3
1.4
1.5
1.6
–0.6
–0.2
0.2
0.6
1.0
1.4
1.8
2.2
2.6
3.0
VCM AT VCC (2.5V)
PROPAGATION
DELAY RISE ns
PROPAGATION
DELAY FALL ns
Figure 13. Propagation Delay vs. Input Common-Mode Voltage
0.36
0.37
0.38
0.39
0.40
0.41
0.42
0.43
0.44
2.4
3.4
4.4
5.4
VCCO (V)
Figure 14. LVDS Output Swing vs. VCCO (V)
925.0mV
2.000ns/DIV
1.425V
Q
Q
Figure 15. 50 MHz Output Voltage Waveform at VCCO = 2.5 V
1.043V
2.000ns/DIV
1.543V
Q
Q
Figure 16. 50 MHz Output Voltage Waveform at VCCO = 5.5 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com