Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADCMP604 Datasheet(PDF) 8 Page - Analog Devices

Part # ADCMP604
Description  Rail-to-Rail, Very Fast, 2.5 V to 5.5 V
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADCMP604 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADCMP604_15 Datasheet HTML 4Page - Analog Devices ADCMP604_15 Datasheet HTML 5Page - Analog Devices ADCMP604_15 Datasheet HTML 6Page - Analog Devices ADCMP604_15 Datasheet HTML 7Page - Analog Devices ADCMP604_15 Datasheet HTML 8Page - Analog Devices ADCMP604_15 Datasheet HTML 9Page - Analog Devices ADCMP604_15 Datasheet HTML 10Page - Analog Devices ADCMP604_15 Datasheet HTML 11Page - Analog Devices ADCMP604_15 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
ADCMP604/ADCMP605
Data Sheet
TYPICAL PERFORMANCE CHARACTERISTICS
VCCI = VCCO = 2.5 V, TA = 25°C, unless otherwise noted.
LE/HYS PIN (V)
–800
–600
–400
–200
0
200
400
600
800
–1
0
1
2
3
4
5
6
7
VCC = 5.5V
VCC = 2.5V
Figure 5. LE/HYS Pin Current vs. Voltage
SDN PIN (V)
–150
–100
–50
0
50
100
150
200
–1
0
1
2
3
4
5
6
7
VCC = 5.5V
VCC = 2.5V
Figure 6. SDN Pin Current vs. Voltage
–10
–8
–6
–4
–2
0
2
4
6
8
10
–1.0
–0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
VCM AT VCC = 2.5V
+125°C
–40°C
+25°C
Figure 7. Input Bias Current vs. Input Common-Mode Voltage
0.90
1.00
1.10
1.20
1.30
1.40
1.50
1.60
2.4
3.4
4.4
5.4
2.9
3.9
4.9
5.9
VCCO (V)
OUTPUT HI
OUTPUT LO
OUTPUT VCM
Figure 8. LVDS Output Level vs. VCCO (V)
400
450
500
550
600
650
700
750
800
850
2.40
2.80
3.20
3.60
4.00
4.40
4.80
5.20
5.60
6.00
VCCO (V)
+125°C
+25°C
–40°C
Figure 9. LVDS Output Rise/Fall Time vs. VCCO (V)
0
50
100
150
200
250
50
100
150
200
250
300
350
400
450
500
HYSTERESIS RESISTOR (kΩ)
VCC = 2.5V
VCC = 5.5V
Figure 10. Hysteresis vs. Hysteresis Resistor
Rev. B | Page 8 of 14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com