Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2721 Datasheet(PDF) 4 Page - NEC

Part # UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721 Datasheet(HTML) 4 Page - NEC

  UPC2721 Datasheet HTML 1Page - NEC UPC2721 Datasheet HTML 2Page - NEC UPC2721 Datasheet HTML 3Page - NEC UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Data Sheet P11102EJ4V0DS00
4
µµµµPC2721, µµµµPC2722
SYMBOL
UNIT
SYMBOL
UNIT
TEST CONDITIONS
PARAMETER
ABSOLUTE MAXIMUM RATINGS
PARAMETER
SYMBOL
RATING
UNIT
TEST CONDITION
Supply Voltage
VCC
6.0
V
TA = 25 °C
Power Dissipation
PD
250
mW
TA = 85 °C
Note 1
Operating temperature range
TA
−40 to +85
°C
Storage temperature range
Tstg
−65 to +150
°C
Note 1: Mounted on 50
× 50 × 1.6 mm double copper clad epoxy glass board.
RECOMMENDED OPERATING RANGE
PARAMETER
SYMBOL
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VCC
4.5
5.0
5.5
V
Operating temperature range
TA
−40
+25
+85
°C
ELECTRICAL CHARACTERISTICS (VCC = 5.0 V, TA = +25 °C
Note 2)
µPC2721
µPC2722
MIN.
TYP.
MAX
MIN.
TYP.
MAX
Circuit Current
ICC
29
38
45.5
19
28
37
mA
no input signal
Lower Input Frequency
fRF10.9
0.9
GHz
fIF = 50 to 600 MHz (C2721)
Upper Input Frequency
fRF22.0
2.0
GHz
fIF = DC to 600 MHz (C2722)
Conversion Gain 1
CG1
18
21
24
15
18
21
dB
fRF = 900 MHz, fIF = 402.8 MHz
Conversion Gain 2
CG2
18
21
24
15
18
21
dB
fRF = 2.0 GHz, fIF = 402. 8 MHz
Noise Figure 1
NF1
−
913
−
913
dB
fRF = 900 MHz, fIF = 402.8 MHz
Noise Figure 2
NF2
−
11
15
−
913
dB
fRF = 2.0 GHz, fIF = 402.8 MHz
Maximum output power 1
PO(SAT)1+2
+7
−
+2
+6
−
dBm
fRF = 900 MHz, fIF = 402.8 MHz
Maximum output power 2
PO(SAT)2+2
+7
−
+2
+6
−
dBm
fRF = 2.0 GHz, fIF = 402.8 MHz
Note 2: on test circuit
STANDARD CHARACTERISTICS (FOR REFERENCE) (VCC = 5 V, TA = 25 °C
Note 2)
REFERENCE VALUES
µPC2721
µPV2722
Conversion Gain 3
CG3
22
19
dB
fRF = 900 MHz, fIF = 50 MHz
Conversion Gain 4
CG4
22
19
dB
fRF = 2.0 MHz, fIF = 50 MHz
Conversion Gain 5
CG5
21
18
dB
fRF = 900 MHz, fIF = 479.5 MHz
Conversion Gain 6
CG6
21
18
dB
fRF = 2.0 MHz, fIF = 479.5 MHz
Conversion Gain 7
CG7
19.5
17
dB
fRF = 900 MHz, fIF = 600 MHz
Conversion Gain 8
CG8
19.5
17
dB
fRF = 2.0 MHz, fIF = 600 MHz
Third Intermodulation Distortion 1
IM31
38.0
42.0
dBc
fRF = 900, 938 MHz, Pin =
−30 dBm
Third Intermodulation Distortion 2
IM32
38.0
42.0
dBc
fRF = 2.0, 2.038 GHz, Pin =
−30 dBm
PARAMETER
TEST CONDITIONS
PARAMETER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com