Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2721 Datasheet(PDF) 1 Page - NEC

Part # UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721 Datasheet(HTML) 1 Page - NEC

  UPC2721 Datasheet HTML 1Page - NEC UPC2721 Datasheet HTML 2Page - NEC UPC2721 Datasheet HTML 3Page - NEC UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
DATA SHEET
Caution electro-static sensitive device
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local NEC representative for
availability and additional information.
BIPOLAR ANALOG INTEGRATED CIRCUIT
µµµµPC2721, µµµµPC2722
GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
Document No. P11102EJ4V0DS00 (4th edition)
Date Published October 1999 N CP(K)
Printed in Japan
The mark
shows major revised points.
©
1996, 1999
DESCRIPTION
The
µPC2721/2722 are Silicon monolithic ICs designed for L-band down converter. These ICs consist of double
balanced mixer, local oscillator, local oscillation buffer amplifier, IF amplifier, and voltage regulator.
The packages are 8 pin SOP or SSOP suitable for high-density surface mount.
FEATURES
Wide band operation fRF = 0.9 to 2.0 GHz
Two products in IF output variation are prepared
µPC2721: Emitter follower output type = 50 Ω constant resistive impedance
µPC2722: Open collector output type = High impedance output dependent on external inductance.
Single-end push-pull IF amplifier suppresses fluctuation in output impedance.
Supply voltage: 5 V
Low current consumption (
µPC2721: ICC = 38 mA typ., µPC2722: ICC = 28 mA typ.)
Packaged in 8 pin SOP or SSOP suitable for high-density mounting
ORDERING INFORMATION
PART NUMBER
PACKAGE
PACKAGE STYLE
µPC2721GR-E1
µPC2722GR-E1
8 pin Plastic SOP (225 mil)
Embossed tape 12 mm wide 2.5 k/REEL.
Pin 1 indicates pull-out direction of tape.
µPC2721GR-E2
µPC2722GR-E2
8 pin Plastic SOP (225 mil)
Embossed tape 12 mm wide 2.5 k/REEL.
Pin 1 indicates roll-in direction of tape.
µPC2721GV-E1
µPC2722GV-E1
8 pin Plastic SSOP (175 mil)
Embossed tape 8 mm wide 1 k/REEL.
Pin 1 indicates pull-out direction of tape.
For evaluation sample order, please contact your local NEC office.
(Part number for sample order:
µPC2721GR, µPC2722GR, µPC2721GV, µPC2722GV)


Similar Part No. - UPC2721

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2721GR NEC-UPC2721GR Datasheet
47Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
UPC2721GV NEC-UPC2721GV Datasheet
50Kb / 5P
SILICON MMIC L BAND DOWNCONVERTER
logo
California Eastern Labs
UPC2721GV CEL-UPC2721GV Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
logo
NEC
UPC2721GV-E1 NEC-UPC2721GV-E1 Datasheet
50Kb / 5P
SILICON MMIC L BAND DOWNCONVERTER
logo
California Eastern Labs
UPC2721GV-E1 CEL-UPC2721GV-E1 Datasheet
258Kb / 6P
SILICON MMIC L BAND DOWNCONVERTER
More results

Similar Description - UPC2721

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2782GR NEC-UPC2782GR Datasheet
190Kb / 20P
L BAND DOWN CONVERTER IC
UPC2795GV NEC-UPC2795GV Datasheet
133Kb / 12P
GENERAL PURPOSE L-BAND DOWN CONVERTER
UPG2121TB NEC-UPG2121TB Datasheet
60Kb / 8P
L-BAND UP/DOWN CONVERTER
logo
Sony Corporation
CXA3008N-1 SONY-CXA3008N-1 Datasheet
225Kb / 12P
L-BAND DOWN CONVERTER IC
CXA3068N SONY-CXA3068N Datasheet
144Kb / 11P
L-band Down Converter for Satellite Tuner
CXA3108AQ SONY-CXA3108AQ Datasheet
257Kb / 19P
L-band Down Converter IC with On-Chip PLL
logo
ATMEL Corporation
U2730B-N ATMEL-U2730B-N Datasheet
208Kb / 17P
L-band Down-converter for DAB Receivers
logo
TEMIC Semiconductors
U2730B-B TEMIC-U2730B-B Datasheet
271Kb / 12P
L-Band Down-Converter for DAB Receivers
logo
California Eastern Labs
UPC8112TB CEL-UPC8112TB Datasheet
173Kb / 5P
3 V SILICON MMIC L-BAND FREQUENCY DOWN CONVERTER
logo
ATMEL Corporation
ATR2730 ATMEL-ATR2730 Datasheet
287Kb / 18P
L-band Down-converter for DAB Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com