Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2721 Datasheet(PDF) 7 Page - NEC

Part # UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721 Datasheet(HTML) 7 Page - NEC

Back Button UPC2721 Datasheet HTML 3Page - NEC UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC UPC2721 Datasheet HTML 10Page - NEC UPC2721 Datasheet HTML 11Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Data Sheet P11102EJ4V0DS00
7
µµµµPC2721, µµµµPC2722
TEST CIRCUIT
1
2
3
4
8
7
6
5
S.G
50
Ω
S.G
50
Ω
Spectrum analyzer
50
Ω
10
Ω
100 pF
100
Ω
0.5 pF
100 pF
2 pF
20
pF
1 000 pF
20
pF
100
pF
5.0 V
PC2721
µ
APPLICATION CIRCUIT FOR REFERENCE
1
2
3
4
8
7
6
5
RF IN
47 k
Ω
2 pF
47
Ω
0.5 pF
100 pF
2 pF
20
pF
1 000 pF
20 pF
100
pF
5.0 V
PC2721
2 pF
270
Ω
L2
1SV210Note
L4
IF OUT
L2:
0.3 mm
2.0 mm 10T
L4:
0.4 mm,
= 4 mm
µ
φ
φ
φ
Note Our varactor diodes are
discontinued. For
varactor diode, contact
other supplier.
The application circuits and their parameters are for reference only and are not intended for use in actual design-ins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com