Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UPC2721 Datasheet(PDF) 5 Page - NEC

Part # UPC2721
Description  GENERAL PURPOSE L-BAND DOWN CONVERTER ICs
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC2721 Datasheet(HTML) 5 Page - NEC

  UPC2721 Datasheet HTML 1Page - NEC UPC2721 Datasheet HTML 2Page - NEC UPC2721 Datasheet HTML 3Page - NEC UPC2721 Datasheet HTML 4Page - NEC UPC2721 Datasheet HTML 5Page - NEC UPC2721 Datasheet HTML 6Page - NEC UPC2721 Datasheet HTML 7Page - NEC UPC2721 Datasheet HTML 8Page - NEC UPC2721 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet P11102EJ4V0DS00
5
µµµµPC2721, µµµµPC2722
TYPICAL CHARACTERISTICS (TA = +25
°°°°C)
60
50
40
30
20
10
0
123456
VCC – Supply Voltage – V
No input signal
PC2721
PC2722
CIRCUIT CURRENT vs. SUPPLY VOLTAGE
+10
+5
0
–5
–10
–15
–20
–30
–40
–20
–10
0
µ
µ
+10
+20
Pin – Input Power – dBm
OUTPUT POWER vs. INPUT POWER
fRF = 2.0 GHz
fRF = 900 MHz
fRF = 2.0 GHz
fRF = 900 MHz
VCC = 5 V
fIF = 402 MHz
On test circuit
30
25
20
15
10
5
0
25
20
15
10
5
0
0.5
1.0
1.5
2.0
2.5
3.0
fin – Input Frequency – GHz
PC2721
PC2722
CONVERSION GAIN AND NOISE FIGURE vs.
INPUT FREQUENCY
30
25
20
15
10
5
0
100
200
300
400
500
600
fIF – IF Frequency – MHz
CONVERSION GAIN vs. IF FREQUENCY
fRF = 2.0 GHz
fRF = 900 MHz
VCC = 5 V
POSC = 0 dBm
PRF = –30 dBm
On test circuit
PC2721
PC2722
CG
NF
VCC = 5 V
PRF = –30 dBm
POSC = –5 dBm
fIF = 402 MHz
On test circuit
PC2721
+10
0
–10
–20
–30
–40
–50
–60
–40
–30
–20
–10
0
+10
0
–10
–20
–30
–40
–50
–60
Pin – Input Power – dBm
–40
–30
–20
–10
0
Pin – Input Power – dBm
IM3 AND OUTPUT POWER vs. INPUT POWER
fRF1 = 900 MHz
fRF2 = 938 MHz
fOSC = 1.3 GHz
fRF1 = 2.0 GHz
fRF2 = 2.038 GHz
fOSC = 2.4 GHz
VCC = 5 V
IM3 AND OUTPUT POWER vs. INPUT POWER
PC2722
µ
PC2721
µ
fRF1 = 900 MHz
fRF2 = 938 MHz
fOSC = 1.3 GHz
fRF1 = 2.0 GHz
fRF2 = 2.038 GHz
fOSC = 2.4 GHz
VCC = 5 V
µ
µ
µ
µ
µ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com