Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4081IP Datasheet(PDF) 4 Page - Intersil Corporation

Part # HIP4081IP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081IP Datasheet(HTML) 4 Page - Intersil Corporation

  HIP4081IP Datasheet HTML 1Page - Intersil Corporation HIP4081IP Datasheet HTML 2Page - Intersil Corporation HIP4081IP Datasheet HTML 3Page - Intersil Corporation HIP4081IP Datasheet HTML 4Page - Intersil Corporation HIP4081IP Datasheet HTML 5Page - Intersil Corporation HIP4081IP Datasheet HTML 6Page - Intersil Corporation HIP4081IP Datasheet HTML 7Page - Intersil Corporation HIP4081IP Datasheet HTML 8Page - Intersil Corporation HIP4081IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Absolute Maximum Ratings
Thermal Information (Typical, Note 1)
Supply Voltage, VDD and VCC . . . . . . . . . . . . . . . . . . . -0.3V to 16V
Logic I/O Voltages . . . . . . . . . . . . . . . . . . . . . . . -0.3V to VDD +0.3V
Voltage on AHS, BHS . . . . -6.0V (Transient) to 80V (25oC to 125oC)
Voltage on AHS, BHS . . . -6.0V (Transient) to 70V (-55oC to 125oC)
Voltage on ALS, BLS . . . . . . . -2.0V (Transient) to +2.0V (Transient)
Voltage on AHB, BHB . . . . . . . VAHS, BHS -0.3V to VAHS, BHS +16V
Voltage on ALO, BLO . . . . . . . . . . . . VALS, BLS -0.3V to VCC +0.3V
Voltage on AHO, BHO . . . . . . VAHS, BHS -0.3V to VAHB, BHB +0.3V
Input Current, HDEL and LDEL . . . . . . . . . . . . . . . . . . -5mA to 0mA
Phase Slew Rate . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 20V/ns
NOTE: All voltages are relative to pin 4, VSS, unless otherwise
specified.
Storage Temperature Range . . . . . . . . . . . . . . . . . . .-65oC to 150oC
Operating Max. Junction Temperature . . . . . . . . . . . . . . . . . . 125oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 300oC
(For SOIC - Lead Tips Only)
Thermal Resistance, Junction-Ambient
SOIC Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 85oC/W
DIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 75oC/W
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Operating Conditions
Supply Voltage, VDD and VCC . . . . . . . . . . . . . . . . . . . +6V to +15V
Voltage on ALS, BLS . . . . . . . . . . . . . . . . . . . . . . . . . -1.0V to +1.0V
Voltage on AHB, BHB . . . . . . . . VAHS, BHS +5V to VAHS, BHS +15V
Input Current, HDEL and LDEL. . . . . . . . . . . . . . . . -500
µA to -50µA
Operating Ambient Temperature Range . . . . . . . . . . .-40oC to 85oC
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K
and TA = 25
oC, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJS = -40
oC
TO 125oC
UNITS
MIN
TYP MAX
MIN
MAX
SUPPLY CURRENTS AND CHARGE PUMPS
VDD Quiescent Current
IDD
All Inputs = 0V
7
9
11
6
12
mA
VDD Operating Current
IDDO
Outputs Switching f = 500kHz
8
9.5
12
7
13
mA
VCC Quiescent Current
ICC
All Inputs = 0V, IALO = IBLO = 0
-
0.1
10
-
20
µA
VCC Operating Current
ICCO
f = 500kHz, No Load
1
1.25
2.0
0.8
3
mA
AHB, BHB Quiescent Current -
Qpump Output Current
IAHB, IBHB
All Inputs = 0V, IAHO = IBHO = 0
VDD = VCC = VAHB = VBHB = 10V
-50
-30
-15
-60
-10
µA
AHB, BHB Operating Current
IAHBO, IBHBO f = 500kHz, No Load
0.5
0.9
1.3
0.4
1.7
mA
AHS, BHS, AHB, BHB Leakage Current
IHLK
VAHS = VBHS = VAHB = VBHB = 95V
-
0.02
1.0
-
10
µA
AHB-AHS, BHB-BHS Qpump
Output Voltage
VAHB-VAHS
VBHB-VBHS
IAHB = IAHB = 0, No Load
11.5
12.6
14.0
10.5
14.5
V
INPUT PINS: ALI, BLI, AHI, BHI, AND DIS
Low Level Input Voltage
VIL
Full Operating Conditions
-
-
1.0
-
0.8
V
High Level Input Voltage
VIH
Full Operating Conditions
2.5
-
-
2.7
-
V
Input Voltage Hysteresis
-
35
---
mV
Low Level Input Current
IIL
VIN = 0V, Full Operating Conditions
-130
-100
-75
-135
-65
µA
High Level Input Current
IIH
VIN = 5V, Full Operating Conditions
-1
-
+1
-10
+10
µA
TURN-ON DELAY PINS: LDEL AND HDEL
LDEL, HDEL Voltage
VHDEL, VLDEL IHDEL = ILDEL = -100µA
4.9
5.1
5.3
4.8
5.4
V
GATE DRIVER OUTPUT PINS: ALO, BLO, AHO, AND BHO
Low Level Output Voltage
VOL
IOUT = 100mA
0.7
0.85
1.0
0.5
1.1
V
High Level Output Voltage
VCC -VOH
IOUT = -100mA
0.8
.95
1.1
0.5
1.2
V
HIP4081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com