Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4081IP Datasheet(PDF) 16 Page - Intersil Corporation

Part # HIP4081IP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081IP Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HIP4081IP Datasheet HTML 10Page - Intersil Corporation HIP4081IP Datasheet HTML 11Page - Intersil Corporation HIP4081IP Datasheet HTML 12Page - Intersil Corporation HIP4081IP Datasheet HTML 13Page - Intersil Corporation HIP4081IP Datasheet HTML 14Page - Intersil Corporation HIP4081IP Datasheet HTML 15Page - Intersil Corporation HIP4081IP Datasheet HTML 16Page - Intersil Corporation HIP4081IP Datasheet HTML 17Page - Intersil Corporation HIP4081IP Datasheet HTML 18Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Timing Diagrams
NOTE:
6. ALI and/or BLI may be high after t1, whereupon the ENABLE pin
may also be brought high.
FIGURE 35.
NOTE:
7. Between t1 and t2 the IN+ and IN- inputs must cause the OUT pin
to go through one complete cycle (transition order is not impor-
tant). If the ENABLE pin is low after the undervoltage circuit is
satisfied, the ENABLE pin will initiate the 10ms time delay during
which the IN+ and IN- pins must cycle at least once.
FIGURE 36.
VDD
DIS
ALI, BLI
8.5V TO 10.5V (ASSUMES 5% RESISTORS)
1.7V
12V, FINAL VALUE
VDD
DIS
LDEL
=10ms
t1
t2
8.3V TO 9.1V (ASSUMING 5% ZENER TOLERANCE)
12V, FINAL VALUE
5.1V
HIP4081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com