Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4081IP Datasheet(PDF) 1 Page - Intersil Corporation

Part # HIP4081IP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081IP Datasheet(HTML) 1 Page - Intersil Corporation

  HIP4081IP Datasheet HTML 1Page - Intersil Corporation HIP4081IP Datasheet HTML 2Page - Intersil Corporation HIP4081IP Datasheet HTML 3Page - Intersil Corporation HIP4081IP Datasheet HTML 4Page - Intersil Corporation HIP4081IP Datasheet HTML 5Page - Intersil Corporation HIP4081IP Datasheet HTML 6Page - Intersil Corporation HIP4081IP Datasheet HTML 7Page - Intersil Corporation HIP4081IP Datasheet HTML 8Page - Intersil Corporation HIP4081IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
1
November 1996
HIP4081
80V/2.5A Peak, High Frequency
Full Bridge FET Driver
Features
• Independently Drives 4 N-Channel FET in Half Bridge
or Full Bridge Configurations
• Bootstrap Supply Max Voltage to 95VDC
• Drives 1000pF Load at 1MHz in Free Air at 50oC with
Rise and Fall Times of Typically 10ns
• User-Programmable Dead Time
• On-Chip Charge-Pump and Bootstrap Upper Bias
Supplies
• DIS (Disable) Overrides Input Control
• Input Logic Thresholds Compatible with 5V to 15V
Logic Levels
• Very Low Power Consumption
Applications
• Medium/Large Voice Coil Motors
• Full Bridge Power Supplies
• Class D Audio Power Amplifiers
• High Performance Motor Controls
• Noise Cancellation Systems
• Battery Powered Vehicles
• Peripherals
• U.P.S.
Description
The HIP4081 is a high frequency, medium voltage Full
Bridge N-Channel FET driver IC, available in 20 lead plastic
SOIC and DIP packages. The HIP4081 can drive every pos-
sible switch combination except those which would cause a
shoot-through condition. The HIP4081 can switch at fre-
quencies up to 1MHz andssssss is well suited to driving
Voice Coil Motors, high-frequency Class D audio amplifiers,
and power supplies.
For example, the HIP4081 can drive medium voltage brush
motors, and two HIP4081s can be used to drive high perfor-
mance stepper motors, since the short minimum “on-time”
can provide fine micro-stepping capability.
Short propagation delays of approximately 55ns maximizes
control loop crossover frequencies and dead-times which
can be adjusted to near zero to minimize distortion, resulting
in rapid, precise control of the driven load.
A similar part, the HIP4080, includes an on-chip input com-
parator to create a PWM signal from an external triangle
wave and to facilitate “hysteresis mode” switching.
See Application Note AN9325 for HIP4081, Intersil Answer-
FAX, (407) 724-7800, document #99325. Intersil web home
page: http://www.semi.intersil.com
Similar part HIP4081A includes undervoltage circuitry which
does not require the circuitry shown in Figure 30 of this data
sheet.
Pinout
HIP4081
(PDIP, SOIC)
TOP VIEW
Ordering Information
PART
NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG.
NUMBER
HIP4081IP
-40 to 85
20 Lead Plastic DIP
E20.3
HIP4081IB
-40 to 85
20 Lead Plastic SOIC
M20.3
11
12
13
14
15
16
17
18
20
19
10
9
8
7
6
5
4
3
2
1
BHB
BHI
DIS
VSS
BLI
ALI
HDEL
AHI
LDEL
AHB
BHO
BLO
BLS
VDD
BHS
VCC
ALS
ALO
AHS
AHO
File Number
3556.7
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - HIP4081IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
logo
Intersil Corporation
HIP4081A INTERSIL-HIP4081A Datasheet
482Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
September 15, 2015
HIP4081AIB INTERSIL-HIP4081AIB Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results

Similar Description - HIP4081IP

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
HCA10008 INTERSIL-HCA10008 Datasheet
87Kb / 13P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
August 1999
HIP4080 INTERSIL-HIP4080 Datasheet
764Kb / 19P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
December 1996
HIP4080A INTERSIL-HIP4080A Datasheet
199Kb / 15P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
March 1995
HIP4080 INTERSIL-HIP4080_03 Datasheet
761Kb / 21P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4080A INTERSIL-HIP4080A_04 Datasheet
719Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4081A INTERSIL-HIP4081A Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081AIBT INTERSIL-HIP4081AIBT Datasheet
720Kb / 16P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
HIP4080AIPZ INTERSIL-HIP4080AIPZ Datasheet
722Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
July 2004
logo
Renesas Technology Corp
HIP4080A RENESAS-HIP4080A Datasheet
829Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
HIP4081A RENESAS-HIP4081A Datasheet
862Kb / 17P
80V/2.5A Peak, High Frequency Full Bridge FET Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com