Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP4081IP Datasheet(PDF) 5 Page - Intersil Corporation

Part # HIP4081IP
Description  80V/2.5A Peak, High Frequency Full Bridge FET Driver
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP4081IP Datasheet(HTML) 5 Page - Intersil Corporation

  HIP4081IP Datasheet HTML 1Page - Intersil Corporation HIP4081IP Datasheet HTML 2Page - Intersil Corporation HIP4081IP Datasheet HTML 3Page - Intersil Corporation HIP4081IP Datasheet HTML 4Page - Intersil Corporation HIP4081IP Datasheet HTML 5Page - Intersil Corporation HIP4081IP Datasheet HTML 6Page - Intersil Corporation HIP4081IP Datasheet HTML 7Page - Intersil Corporation HIP4081IP Datasheet HTML 8Page - Intersil Corporation HIP4081IP Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
5
Peak Pullup Current
IO+VOUT = 0V
1.7
2.6
3.8
1.4
4.1
A
Peak Pulldown Current
IO-VOUT = 12V
1.7
2.4
3.3
1.3
3.6
A
Electrical Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 100K
and TA = 25
oC, Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = 25
oC
TJS = -40
oC
TO 125oC
UNITS
MIN
TYP MAX
MIN
MAX
Switching Specifications
VDD = VCC = VAHB = VBHB = 12V, VSS = VALS = VBLS = VAHS = VBHS = 0V, RHDEL = RLDEL = 10K,
CL = 1000pF
PARAMETER
SYMBOL
TEST CONDITIONS
TJ = +25
oC
TJS = 40
oC
TO 125oC
UNITS
MIN
TYP
MAX
MIN
MAX
Lower Turn-off Propagation Delay
(ALI-ALO, BLI-BLO)
TLPHL
-
30
60
-
80
ns
Upper Turn-off Propagation Delay
(AHI-AHO, BHI-BHO)
THPHL
-
35
70
-
90
ns
Lower Turn-on Propagation Delay
(ALI-ALO, BLI-BLO)
TLPLH
-
45
70
-
90
ns
Upper Turn-on Propagation Delay
(AHI-AHO, BHI-BHO)
THPLH
-
60
90
-
110
ns
Rise Time
TR
-
10
25
-
35
ns
Fall Time
TF
-
10
25
-
35
ns
Turn-on Input Pulse Width
TPWIN-ON
50
-
-
50
-
ns
Turn-off Input Pulse Width
TPWIN-OFF
40
-
-
40
-
ns
Disable Turn-off Propagation Delay
(DIS - Lower Outputs)
TDISLOW
-
45
75
-
95
ns
Disable Turn-off Propagation Delay
(DIS - Upper Outputs)
TDISHIGH
-
55
85
-
105
ns
Disable to Lower Turn-on Propagation Delay
(DIS - ALO and BLO)
TDLPLH
-
35
70
-
90
ns
Refresh Pulse Width (ALO and BLO)
TREF-PW
160
260
380
140
420
ns
Disable to Upper Enable (DIS - AHO and BHO)
THEN
-
335
500
-
550
ns
TRUTH TABLE
INPUT
OUTPUT
ALI, BLI
AHI, BHI
DIS
ALO, BLO
AHO, BHO
XX
1
0
0
1X0
1
0
010
0
1
000
0
0
NOTE: X signifies that input can be either a “1” or “0”.
HIP4081



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com