Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9022AM Datasheet(PDF) 6 Page - Intersil Corporation

Part # HIP9022AM
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022AM Datasheet(HTML) 6 Page - Intersil Corporation

Back Button HIP9022AM Datasheet HTML 2Page - Intersil Corporation HIP9022AM Datasheet HTML 3Page - Intersil Corporation HIP9022AM Datasheet HTML 4Page - Intersil Corporation HIP9022AM Datasheet HTML 5Page - Intersil Corporation HIP9022AM Datasheet HTML 6Page - Intersil Corporation HIP9022AM Datasheet HTML 7Page - Intersil Corporation HIP9022AM Datasheet HTML 8Page - Intersil Corporation HIP9022AM Datasheet HTML 9Page - Intersil Corporation HIP9022AM Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
4-6
Driver Maximum Output Current
IDRSW
-1
-
1
A
Shunt Controller Switching Frequency
fSC
0
-
2.5
MHz
ANALOG SAMPLE/HOLD AMPLIFIERS
Low Level Input Voltage
VIL
0
-
1.5
V
Low Level Input Current
IIL
-140
-
-
µA
High Level Input Voltage
VIH
3.5
-
VCC + 0.3
V
Minimum Hysteresis
VHYS
0.3
-
-
V
Analog Input Voltage Range
VIN
0-
VCC - 0.2
V
Minimum Sample/Hold Pulse Width
-
10
-
µs
Droop Rate, Constant Current Addresses #’s 1, 2
-
-
0.006
V/s
Droop Rate, Other Addresses #’s 3 - 8
-
-
0.06
V/s
Maximum Analog Multiplexing Frequency
-
-
30
kHz
DIAGNOSTIC OUTPUT
(DIAG Output)
Voltage Follower Voltage Range
VO
0-
VCC - 0.2
V
Voltage Follower Maximum Clamp Voltage
VCL
--
VCC + 0.3
V
O. C. (OVER CURRENT) COMPARATOR
(OC1, 2 Outputs)
Threshold (%) O.C. Detection
Programmed Current
as Ref.
-
140
-
%
Output Voltage, Low Level
VOL
0
-
1.5
V
Output Current, Low Level
IOL
-12-
mA
Output Voltage, High Level
VOH
3.5
-
VCC - 0.5
V
Output Current, High Level
IOH
-4-
mA
TEC REF. RESISTOR AND DRIVE OUTPUT
TECREFR Output Voltage to Reference Resistor
VREFR
1.71
1.9
2.09
V
TECGDR1, 2 Drive Output Voltage
VTECG
0-9
V
OVER/UNDER TEMPERATURE COMPARATOR
(To OT Output)
Under Temp. Limit
TLOW
2.07
2.1
2.13
V
Over Temp. Limit
THIGH
1.67
1.7
1.73
V
Output Voltage, Low Level
VOL
0
-
1.5
V
Output Current, Low Level
IOL
-12-
mA
Output Voltage, High Level
VOH
3.5
-
VCC - 0.5
V
Output Current, High Level
IOH
-4-
mA
RELAY DRIVER
Driver Output Current
IRLY
-
-
30
mA
Drain to Source Resistance
rDS(ON)
-20-
Ω
LASER PROTECTION DIODES
See Figure 1
Maximum Diode Forward Voltage Drop
VLDX,
VESDX
10A Peak Current
-
-
2
V
Maximum Reverse Diode Current
ILDX
--
1
µA
NOTE:
2. The drive control sets the high and low voltages to the gate of the Power FET driver (shunt switch). Both the upper and lower levels are set by
values held in two of the sample/hold amplifiers. External capacitors at VUP1, 2 and VLOW1, 2 are required for stabilization.
Electrical Specifications
TJ = 100οC, VDD = 12V, VCC = 5V, VEE = -5V, INVERT Low (Figure 1 Configuration)
Unless Otherwise Specified (Continued)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
HIP9022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com