Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9022AM Datasheet(PDF) 9 Page - Intersil Corporation

Part # HIP9022AM
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022AM Datasheet(HTML) 9 Page - Intersil Corporation

Back Button HIP9022AM Datasheet HTML 2Page - Intersil Corporation HIP9022AM Datasheet HTML 3Page - Intersil Corporation HIP9022AM Datasheet HTML 4Page - Intersil Corporation HIP9022AM Datasheet HTML 5Page - Intersil Corporation HIP9022AM Datasheet HTML 6Page - Intersil Corporation HIP9022AM Datasheet HTML 7Page - Intersil Corporation HIP9022AM Datasheet HTML 8Page - Intersil Corporation HIP9022AM Datasheet HTML 9Page - Intersil Corporation HIP9022AM Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
4-9
Both analog and digital data is input to control the action of
the dual laser driver. Address codes and input data are
described in the Table 1 Address Map. Digital data is
normally entered first, followed by the analog data via the
multiplexed analog bus which updates the S/H stored
voltage levels. Four bit digital addresses to pins A3, A2, A1
and A0 are decoded to define the programming functions
for data input. It is important to note that Address 15 is a
reset for Addresses 9 - 14 and should be performed as the
first step in programming because there is no power-on-
reset on-chip.
Diagnostic Output Data
For the purpose of monitoring on-chip signals, the
multiplexed bus can be used to output signals (at the DIAG
pin) via an analog diagnostic amplifier. This mode has the
capability to monitor the multiplexed output of four (0-5V)
analog signals for each laser channel. Note that the
diagnostic information at the VLOW (Amplifier A3) output is
2:1 resistor divided to +5V (VCC) to return this signal to a 0
to 5V range. To minimize noise problems the monitoring
function is normally performed during the laser scan for only
one signal per scan. In addition, there are 3 test modes
which allows the bus to present analog signals for testing the
performance of the eight S/H circuits.
Thermo-Electric-Cooler (TEC) Circuitry
Figure 4 shows the Thermal Electric Cooler (TEC) drive
circuit with an external reference resistance, a thermo-
resistor to sense temperature plus feedback components for
stable drive. There is a thermo-resistor reference input on
the chip for monitoring the laser's temperature via a 5-10k
Ω
thermo-resistor which must be mounted near the laser. A
reference voltage on the external reference resistor is
established by a current from a stable bias source. This
current is mirrored to the thermo-resistor (one for each laser
driver system). A comparator senses the voltage across the
reference resistor versus the voltage across the thermo-
resistor and drives the gate of the TEC FET driver. As such,
the TEC circuit senses the thermo-resistor input as a
measure of the laser temperature and the TEC drive is
adjusted to maintain a stable Laser temperature slightly
below the ambient temperature. An external Power FET is
needed to provide the high TEC driver currents. An out of
range temperature output for each laser is also provided.
Laser Protection Diodes
Another feature included on the chip is two high current ESD
diodes which, in the printer system, are used to protect the
Laser Diodes from ESD damage. Another component of Laser
protection in printer systems are relays to disconnect the
Lasers when in a non-operating mode. For this purpose, a
single relay driver is included.
Over Current Flag Output (OC1, OC2)
Over-current detection is also included on-chip. The circuit of
Figure 3 shows the over current detection circuit. For each
laser source current driver, the over current monitor compares
the S/H input of amplifier A2 to the output of amplifier A1. If
the output voltage of A1 exceeds the input of A2 by 40%, then
an over current state exists and the OC output will go high.
Invert Option
An INVERT input reconfigures the device such that the
constant current source can be high side instead of the
normal low side. This provides functionality for driving laser
diodes in a common cathode configuration as opposed to
the normal common anode configuration. The INVERT must
be low (or open with the internal pull down) for the Figure 1
circuit.
Reset Action
The RESETB (active low) controls three things:
(1) The TEC driver is turned off.
(2) The Shunt driver is turned on to turn off the laser.
(3) The Constant current driver is turned off.
+
-
46
1.9V
Q2
47
48
TEC
+
-
+
-
CURRENT
MIRROR
TRES2
+
TECREFR
TECGDR2
TECFB2
TECREF2
+
FIGURE 4. TEC (THERMAL ELECTRIC COOLER) CIRCUIT WITH REFERENCE RESISTOR AND THERMAL RESISTOR SENSOR OF
LASER TEMPERATURE
REFERENCE
RESISTOR
THERMALLY
LASER2
THERMO-
RESISTOR
(TEMPERATURE SENSOR)
45
44
12
COUPLED
COMPONENTS
43
OT2
O.T.
U.T.
TEMP.
COMP.
HIP9022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com