Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9022AM Datasheet(PDF) 7 Page - Intersil Corporation

Part # HIP9022AM
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022AM Datasheet(HTML) 7 Page - Intersil Corporation

Back Button HIP9022AM Datasheet HTML 2Page - Intersil Corporation HIP9022AM Datasheet HTML 3Page - Intersil Corporation HIP9022AM Datasheet HTML 4Page - Intersil Corporation HIP9022AM Datasheet HTML 5Page - Intersil Corporation HIP9022AM Datasheet HTML 6Page - Intersil Corporation HIP9022AM Datasheet HTML 7Page - Intersil Corporation HIP9022AM Datasheet HTML 8Page - Intersil Corporation HIP9022AM Datasheet HTML 9Page - Intersil Corporation HIP9022AM Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
4-7
Address, Timing and Waveforms
FIGURE 2. ADDRESS WITH SAMPLE, NULL, VIN AND DIAGONAL WAVEFORMS
TABLE 1. HIP9022 ADDRESS MAP
A3
A2
A1
A0
ADDRESS
NO.
FUNCTION
TYPE
FUNCTION NAME
0000
1
ANALOG
VIN(DL) Voltage for Constant Current Level, Laser Driver #1
0001
2
ANALOG
VIN(DL) Voltage for Constant Current Level, Laser Driver #2
0010
3
ANALOG
VLOWER Level, Laser Driver #1
0011
4
ANALOG
VLOWER Level, Laser Driver #2
0100
5
ANALOG
VUPPER Level, Laser Driver #1
0101
6
ANALOG
VUPPER Level, Laser Driver #2
0110
7
ANALOG
VIN(DL) Thermal Compensation Level, Laser Driver #1
0111
8
ANALOG
VIN(DL) Thermal Compensation Level, Laser Driver #2
1000
9
DIGITAL
Test Mode: S/H Amp, Auto Zero Null Voltage (Note 4)
1001
10
DIGITAL
Test Mode: S/H Amp Output Voltage (Note 4)
1010
11
DIGITAL
Test Mode: Set VUP and VLOW Amps to Three-State (Note 4)
1011
12
DIGITAL
VLOW#1 Set to Positive Output (Default is Negative)
1100
13
DIGITAL
VLOW#2 Set to Positive Output (Default is Negative)
1101
14
DIGITAL
Thermal Compensation Activated (Default is Deactivated)
1110
15
DIGITAL
Reset Digital Address (9-14) to Default State
1111
16
DIGITAL
Idle Condition (S/H Pin Defeated) (Note 3)
NOTES:
3. The Idle address is protective in that SB_H input noise cannot disturb the chip if the Idle address is selected; also, the Address inputs are High
(selecting Idle state) if the pins are open.
4. Address Numbers 9 - 11 are shaded to indicate test mode conditions and are shown for information only. These addresses are used in original
production testing and not required for user applications. However, note that Address No. 15 will force a reset for Address Numbers 9 - 14.
5. Digital Programming: To set the digital addresses, only the proper digital address and a negative pulse >100ns on SB_H is needed. To reset the
digital addresses to the default states, Address 15 and a SB_H pulse >100ns is needed. Normally the digital addresses will be set first, and the
analog addresses programmed next. The test modes, Address Numbers 9 - 11, will normally only be used during factory testing. An address
15 Reset should normally precede most programming in order to assure that the digital address states begin in their default state. Otherwise,
the digital address states will be undefined because there is no power-up-reset.
6. Analog Programming: To program the eight S/H circuits, addresses of 0-5V analog signal on VIN and negative pulses on NullB (10µs) and SB_H
(20
µs) pins are needed. The NullB pulse is valid only during the SB_H pulse and should occur during the first half of the SB_H pulse. The S/H
amplifier is auto-zeroed for zero offset when both NullB and SB_H are low. The input VIN is captured on the S/H storage capacitor during SB_H low.
7. The Diagnostic mode reads map addresses 1 - 8 via the DIAG output when DIAGINB is low.
#11 to 14
#15
#1 to 8
#1 to 8
#1 to 8
#1 to 8
ADDRESS NUMBERS
DIGITAL
CONTROL
S/H
INT. TEST
#9 or 10
TEST NULL OR S/H
(NULL OR S/H)
(RESET)
SAMPLE
NULLB
VIN
DIAGNOSTIC
(SH_B INPUT)
INPUT
INPUT
(DIAGINB INPUT)
HIP9022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com