Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP9022AM Datasheet(PDF) 2 Page - Intersil Corporation

Part # HIP9022AM
Description  Dual High Speed Laser Driver
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP9022AM Datasheet(HTML) 2 Page - Intersil Corporation

  HIP9022AM Datasheet HTML 1Page - Intersil Corporation HIP9022AM Datasheet HTML 2Page - Intersil Corporation HIP9022AM Datasheet HTML 3Page - Intersil Corporation HIP9022AM Datasheet HTML 4Page - Intersil Corporation HIP9022AM Datasheet HTML 5Page - Intersil Corporation HIP9022AM Datasheet HTML 6Page - Intersil Corporation HIP9022AM Datasheet HTML 7Page - Intersil Corporation HIP9022AM Datasheet HTML 8Page - Intersil Corporation HIP9022AM Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
4-2
FIGURE 1. HIGH SPEED LASER DRIVER FUNCTIONAL BLOCK DIAGRAM SHOWN IN QUIESCENT P.S. CURRENT TEST MODE
+
-
VCC
RELAY1
TEC
AND
OVER/UNDER
TEC P.S.
3V
+-
X10
LASER
THERM.
COMP
SAMPLE/HOLD
SYSTEM
+
-
+
-
OC2
LASER_ON2B
O. C.
COMP.
V9P
LASER P.S.
RLY_OUT
RLY_IN
VUP2
SG_2
VLOW2
GNDA2
GNDD2
CC2
XTEN2+
XTEN2-
TECFB2
TECREF2
TECGDR2
TRES2
OT2
VCC
A3
A2
A1
A0
VTEST
OUT
TECREFR
DIAG
RESETB
DIAGINB
NULLB
SB_H
VIN
INVERT
ESD
VDD
LASERPS-1
ESD
SHUNT
DRAIN-1
GND
GND
ESD
LASER
ESD
SHUNT
DRAIN-2
ESD
LASERPS-2
LASER
GATE
DRIVE
9V REG.
V/I REF.
VDD
V9P
OC1
VUP1
SG_1
VLOW1
GNDA1
GNDD1
CC1
XTEN1+
XTEN1-
CTC2-10K
CTC1-27K
TECFB1
TECREF1
TECGDR1
TRES1
OT1
LASER_ON1B
VEE
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
NC
24
25
26
27
29
30
31
32
33
35
37
38
39
40
NC 28
NC
34
41
42
44
45
46
47
48
49
50
NC
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
68
LASER DRIVER-1
LASER DRIVER-2
TEC DRIVER
(THERMO
ELECTRIC
COOLER
43
+5V
-5V
1
µF
1
µF
1
µF
0.25
Ω
+12V
1
µF
3 TO 5V
1
µF
(THERMO-RESISTOR
SENSES LASER TEMP.,
NEG. TEMP. COEF.,
(TEMP. REF.
RESISTOR)
VCC
CTC2-10K
CTC2-27K
0.02
µF
0.1
µF
X
X
A1
A2
A3
A4
A5
A6
Q1
Q2
Q3
RS
11k
Ω
11k
Ω
36
+9V
1k
Ω
ON/OFF
0.1
µF
OTA GATE
DRIVE AMP.
CURRENT
MONITOR
AMP.
+
-
5 - 10k
Ω
COMPARATOR
TEMPERATURE
LD2
LD1
ESDD2
ESDD1
PU = 60k
Ω PULLUP RESISTOR
PU
PU
PU
PD
PD
PU
PU
PU
PU
PU
PU
PD
PD = 60k
Ω PULLDOWN RESISTOR
TO VCC
TO GND
= SCHMITT TRIGGER HYSTERESIS
NOTE:
IDL
RFD3055
OR
EQUIV.
1.9V
CIRCUIT)
TEC COOLS LASER.)
HIP9022



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com