Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP43124PC-33 Datasheet(PDF) 4 Page - Intersil Corporation

Part # HSP43124PC-33
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43124PC-33 Datasheet(HTML) 4 Page - Intersil Corporation

  HSP43124PC-33 Datasheet HTML 1Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 2Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 3Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 4Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 5Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 6Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 7Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 8Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
4
Functional Descriptions
The HSP43124 is a high performance digital filter designed to
process a serial input data stream. A second serial interface is
provided for mix factor inputs, which are multiplied by the input
samples as shown in Figure 1. The multiplier result is passed
to the Filter Compute Engine for processing.
The Filter Compute Engine centers around a single
multiply/accumulator (MAC). The MAC performs the sum-of-
products required by a particular filter configuration. The
processing rate of the MAC is determined by the filter clock,
FCLK. Increasing FCLK relative to the input sample rate
increases the length of filter that can be realized.
The filtered results are passed to the Output Formatter where
they are rounded or truncated to a user defined bit width. The
Output Formatter then generates the timing and
synchronization signals required to serially transmit the data
to an external device.
Filter Configuration
The HSP43124 is configured for operation by loading a set of
eight control registers. These registers are written through a
bidirectional interface which is also used for reading the
control registers. The interface consists of an 8-bit data bus,
C0-7, a 3-bit address bus, A0-2, and read/write lines, RD and
WR. The address map for the control registers is shown in
Table 1.
Data is written to the configuration control registers on the
falling edge of the WR input. This requires that the address,
A0-2, and data, C0-7, be stable and valid on the falling edge
of the WR, as shown in Figure 2.
NOTE: WR should not be
active low when RD is active low.
Data is read from the configuration control registers on the
falling edge of the RD input. The contents of a particular
register are accessed by setting up an address, A0-2, to the
falling edge of RD as shown in Figure 2. The data is output on
C0-7. The data on C0-7 remains valid until RD returns HIGH,
at which point the C0-7 bus is Three-Stated and functions as
an input. For proper operation, the address on A0-2 must be
held until RD returns “high” as shown in Figure 2.
NOTE: RD
should not be active low when WR is active low.
M
U
X
MUX
HOLDING
REG
MIX FACTOR
HOLDING
SERIAL
MULTIPLIER
ROUND/
SATURATE
COEFFICIENT
RAM
R
E
G
VARIABLE LENGTH
SHIFT REGISTER
(8 TO 24 BITS)
+
ROUND/
SATURATE
WEAVER
MODULATOR
ROM
MUX
CONTROL
MXIN
SYNCIN
25
24
32
48
57
HALFBAND
COEFFICIENT
ROM
REG
REGISTER
FILE
+
VARIABLE LENGTH
SHIFT REGISTER
(8-24-BITS)
DIN
SYNCIN
SYNCMX
MXIN
A0-2
C0-7
WR
RD
FSYNC
FCLK
SCLK
MULTIPLY/
INPUT FORMATTER
FILTER COMPUTE ENGINE
SYNCMX
OUTPUT
FORMATTER
ACCUMULATOR
DOUT
SYNCOUT
CLKOUT
FIGURE 1. SERIAL FILTER BLOCK DIAGRAM
INPUT
# BITS
†
MSB F/2
†
FORMAT
†
MIX
SEL
†
# BITS
†
FORMAT
†
FILT EN
†
# HBs
†
†
†
DECIMATION
RATE
†
FIR SYM
†
RD EN
†
FILTER LENGTH
†
RAM ACCESS
†
ROUND
†
FORMAT
†
GAIN COR
†
# BITS
†
FCLK
†
MSB F/L
†
CLKOUT
†Indicates configuration control word data parameter.
CONTROL
PARAMETERS
WR
A0-2
WRITE TIMING
C0-7
RD
A0-2
READ TIMING
C0-7
FIGURE 2. READ/WRITE TIMING
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com