Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP43124PC-33 Datasheet(PDF) 14 Page - Intersil Corporation

Part # HSP43124PC-33
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43124PC-33 Datasheet(HTML) 14 Page - Intersil Corporation

Back Button HSP43124PC-33 Datasheet HTML 9Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 10Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 11Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 12Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 13Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 14Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 15Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 16Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
14
FCLK/SCLK Uncertainty Region
Figure 13 shows a clocking relationship for the HSP43124
Serial I/O filter that could result in an uncertainty at the
output. For simplicity, the frequency of FCLK and SCLK are
assumed to be equal to each other, and CLKOUT is
assumed to be equal to FLCK. When the rising edge of
FCLK lags behind the rising edge of SCLK by a small
amount of time (TSCFC), then the FCLK edge on which
samples are read into the filter compute engine is
determined by a race condition. In order to insure proper
function for the HSP43124, TSCFC must be greater than
3.8ns.
If exact timing (a particular clock edge for a specific data bit)
then make SCLK and FCLK synchronous. If FCLK and
SCLK are asynchronous, there will be jitter (a specific data
bit will be output as 1 of 2 possible clock edges depending
on the FCLK to SCLK phasing). For multiple part
applications, use synchronous clocks or use separate syncs
on what receives each data, as the outputs may vary by a
clock cycle.
Asynchronous FCLK and SCLK
If FCLK and SCLK are asynchronous clocks, then the output
sample rate (tracked by SYNCOUT) of the HSP43124 might
jitter in a real time system. This jitter will be demonstrated
using an SCLK with a period that is 3/2 times the period of
FCLK (i.e., FFCLK/FSCLK = 3/2), as shown in Figure 14A
and Figure 14B. If the LSB occurs when there are two FCLK
edges in one SCLK period (see Figure 14A), then a null data
bit will occur in the DOUT data stream. If the LSB occurs
when there is one FCLK edge in one SCLK period for the
LSB (see Figure 14B), then no null data bit will occur. Given
the 3/2 period relationship between FCLK and SCLK, the
user can see that the SYNCOUT jitters by one clock. For
example, if the output data is represent by 16 bits, then the
number of CLKOUT rising edges between SYNCOUT pulses
should jitter between 15 and 16.
The SYNCOUT jitter demonstrated by the 3/2 frequency
example can be generalized to other asynchronous
FFCLK/FSCLK ratios. Setting the frequencies for FCLK and
SCLK at integer multiples of one another eliminates timing
jitter in the output sample rate.
SCLK
SYNCIN
DIN
FCLK
SYNCOUT
DOUT
TSCFC
MSB
MSB
LSB
LSB
MSB
MSB
FIGURE 13. FCLK/SCLK UNCERTAINTY REGION
FIGURE 14A. NUMBER OF CLKOUT = NUMBER OF BITS + 1
FOR THE TIME PERIOD BETWEEN SYNCOUTS
WHERE FFCLK/FSCLK = 3/2
FIGURE 14B. NUMBER OF CLKOUT = NUMBER OF BITS FOR
THE TIME PERIOD BETWEEN SYNCOUTS
WHERE FFCLK/FSCLK = 3/2
SCLK
SYNCIN
DIN
CLKOUT
SYNCOUT
DOUT
MSB
MSB
LSB
NULL
MSB
LSB
MSB
1
2
1
2
SCLK
SYNCIN
DIN
CLKOUT
SYNCOUT
DOUT
MSB
MSB
MSB
MSB
LSB
LSB
1
2
1
2
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com