Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP43124PC-33 Datasheet(PDF) 16 Page - Intersil Corporation

Part # HSP43124PC-33
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43124PC-33 Datasheet(HTML) 16 Page - Intersil Corporation

Back Button HSP43124PC-33 Datasheet HTML 9Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 10Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 11Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 12Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 13Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 14Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 15Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 16Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 16 / 17 page
background image
16
AC Test Load Circuit
AC Electrical Specifications
(Note 5) VCC = +4.75V to +5.25V, TA = 0
oC to 70oC (Commercial)
VCC = +4.75V to +5.25V, TA = -40
oC to 85oC (Industrial)
PARAMETER
SYMBOL
NOTES
45MHz
40MHz
33MHz
UNITS
MIN
MAX
MIN
MAX
MIN
MAX
FCLK, SCLK Period
tCP
22
-
25
-
30
-
ns
FCLK, SCLK High
tCH
8
-
10
-
12
-
ns
FCLK, SCLK Low
tCL
8
-
10
-
12
-
ns
Setup Time DIN, MXIN, SYNCIN, SYNCMX to
SCLK
tDS
8-8-9-
ns
Hold Time DIN, MXIN, SYNCIN, SYNCMX from
SCLK
tDH
0-0-0-
ns
Setup Time FSYNC to FCLK
tSS
8-8-8-
ns
Hold Time FSYNC from FCLK
tSH
0-0-0-
ns
Setup Time C0-7, A0-2 to Falling Edge of WR
tWS
10
-
10
-
10
-
ns
Hold Time C0-7, A0-2 from Falling Edge of WR
tWH
3-3-3-
ns
Setup Time A0-2 to Falling Edge of RD
tRS
10
-
10
-
10
-
ns
Hold Time A0-2 from Rising Edge of RD
tRH
0-0-0-
ns
WR High
tWRH
10
-
10
-
12
-
ns
WR Low
tWRL
10
-
10
-
12
-
ns
RD High
tRDH
10
-
10
-
10
-
ns
RD Low to Data Valid
tRDO
-25-25
-25
ns
RD High to Output Disable
tOD
-6-6-6
ns
FCLK to CLKOUT
tFOC
-12-13
-14
ns
CLKOUT to SYNCOUT, DOUT
tDO
-8-9-
10
ns
Output Rise, Fall Time
tRF
Note 6
-
3
-
3
-
3
ns
NOTES:
5. AC tests performed with CL = 40pF, IOL = 5mA, and IOH = -5mA. Input reference level for FCLK and SCLK is 2.0V, all other inputs 1.5V. Test
VIH = 3.0V, VIHC = 4.0V, VIL = 0V.
6. Controlled via design or process parameters and not directly tested. Characterized upon initial design and after major process and/or changes.
EQUIVALENT CIRCUIT
CL (NOTE)
IOH
1.5V
IOL
DUT
SWITCH S1 OPEN FOR ICCSB AND ICCOP
S1
±
NOTE: Test head capacitance.
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com