Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSP43124PC-33 Datasheet(PDF) 13 Page - Intersil Corporation

Part # HSP43124PC-33
Description  Serial I/O Filter
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HSP43124PC-33 Datasheet(HTML) 13 Page - Intersil Corporation

Back Button HSP43124PC-33 Datasheet HTML 9Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 10Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 11Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 12Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 13Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 14Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 15Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 16Page - Intersil Corporation HSP43124PC-33 Datasheet HTML 17Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
13
Serial Output Formatter
The Output Formatter serializes the parallel output of the
filter compute engine and generates the timing and
synchronization signals required to support a serial
interface. The Formatter produces serial data words with
programmable lengths from 8 to 32 bits. The data words may
be organized with either most or least significant bit first.
Also, the data word may be rounded or truncated to the
desired length and the format of the output data may be
specified as either two's complement or offset binary. To
simplify applications where the Serial I/O Filter is used as a
down converter, the output formatter can be configured to
scale the output by a factor of 2. The above options are
programmed via the Output Format and Output Timing
Registers detailed in Table 1.
The HSP43124 outputs a bit stream through DOUT which is
synchronous to a programmable clock signal output on
CLKOUT. The output clock, CLKOUT, is derived from FCLK
and has a programmable rate from 1 to 1/32 times FCLK.
The duty cycle of CLKOUT is 50% for rates that have an
even number of FCLKs per CLKOUT. For rates that have and
odd number of FCLKs per CLKOUT the high portion of the
CLKOUT waveform spans (n+1)/2 FCLKs and the low
portion spans (n-1)/2 FCLKs where n is the number of
FCLKs.
External devices synchronize to the beginning of an output
data word by monitoring SYNCOUT. This output is asserted
“high” one CLKOUT prior to the first bit of the next data word
as shown in Figure 11.
Input and Output Data Formats
The data formats for the input, output and coefficients are
fractional two’s complement. The bit weightings in the data
words are given in Figure 12. Input or output data words
programmed to have less than 24 bits, map to the most
significant bit positions of the 24-bit word. For example, an
input word defined to be 8 bits wide would map to the bit
positions with weightings from -20 to 2-7.
C30
1306852
C31
0
C32
-242570
C33
0
C34
23964
TABLE 4. HALFBAND FILTER COEFFICIENTS (32 BITS, UN-NORMALIZED) (Continued)
COEFFICIENT
HALFBAND #1
HALFBAND #2
HALFBAND #3
HALFBAND #4
HALFBAND #5
TABLE 5. PERFORMANCE ENVELOPE PARAMETERS
NUMBER OF
HALFBANDS
HBCLKS
DECHB
001
1132
2334
3698
4
125
16
5
221
32
LSB
MSB
LSB
MSB
CLKOUT
DOUT
SYNCOUT
NOTE: Assumes data is being output LSB first.
FIGURE 11. SERIAL OUTPUT TIMING
SYNC LEADS DATA
FRACTIONAL TWO’S COMPLEMENT FORMAT FOR 24-BIT INPUT AND OUTPUT
24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
-20
. 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-102-112-122-132-142-152-162-172-182-192-202-212-222-23
FRACTIONAL TWO’S COMPLEMENT FORMAT FOR 32-BIT COEFFICIENTS
32 31 30 29 28 27 26 25 24 23 22 21 20 19 18 17 16 15 14 13 12 11 10
9
8
7
6
5
4
3
2
1
-20
. 2-1 2-2 2-3 2-4 2-5 2-6 2-7 2-8 2-9 2-102-112-122-132-142-152-162-172-182-192-202-212-222-232-242-252-262-272-282-292-302-31
NOTE: The negative sign on the MSB implies 2’s complement formt.
FIGURE 12. DATA FORMATS
HSP43124



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com