Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9435K Datasheet(PDF) 1 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM9435K
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM9435K Datasheet(HTML) 1 Page - Guangdong Kexin Industrial Co.,Ltd

  APM9435K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
SMD Type
www.kexin.com.cn
1
MOSFET
P-Channel MOSFET
APM9435K (APM9435KC)
■
Features
●
VDS (V) =-30V
●
ID =-4.6 A (VGS =-10V)
●
RDS(ON) < 52mΩ (VGS =-10V)
●
RDS(ON) < 80mΩ (VGS =-4.5V)
1 Source
2 Source
3 Source
4 Gate
5 Drain
6 Drain
7 Drain
8 Drain
SOP-8
1.50 0.15
G
1
2
3
5
6
7
8
4
■
Absolute Maximum Ratings Ta = 25℃
Parameter
Symbol
Rating
Unit
Drain-Source Voltage
VDS
-30
Gate-Source Voltage
VGS
±
25
Continuous Drain Current @ VGS=-10V
(Note.1)
ID
-4.6
Pulsed Drain Current @ VGS=-10V
(Note.1)
IDM
-20
Power Dissipation
Ta=25°C
2
W
Ta=100°C
0.8
Thermal Resistance.Junction- to-Ambient
RthJA
62.5
℃
/W
Junction Temperature
TJ
150
Junction Storage Temperature Range
Tstg
-55 to 150
PD
V
A
℃
Note.1: Surface Mounted on 1in pad area, t ≤ 10sec.
2


Similar Part No. - APM9435K

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APM9435K ANPEC-APM9435K Datasheet
117Kb / 10P
P-Channel Enhancement Mode MOSFET
APM9435KC-TR ANPEC-APM9435KC-TR Datasheet
123Kb / 9P
P-Channel Enhancement Mode MOSFET
APM9435KC-TR ANPEC-APM9435KC-TR Datasheet
117Kb / 10P
P-Channel Enhancement Mode MOSFET
APM9435KC-TRL ANPEC-APM9435KC-TRL Datasheet
117Kb / 10P
P-Channel Enhancement Mode MOSFET
logo
VBsemi Electronics Co.,...
APM9435KC-TRL VBSEMI-APM9435KC-TRL Datasheet
961Kb / 8P
P-Channel 30-V (D-S) MOSFET
More results

Similar Description - APM9435K

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
FT0009B SSDI-FT0009B Datasheet
129Kb / 3P
P-Channel MOSFET
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ211-3 KEXIN-2SJ211-3 Datasheet
1Mb / 3P
P-Channel MOSFET
2SJ213 KEXIN-2SJ213_15 Datasheet
1Mb / 4P
P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
P-Channel MOSFET
AO3401A KEXIN-AO3401A Datasheet
1Mb / 4P
P-Channel MOSFET
AO3407A KEXIN-AO3407A Datasheet
2Mb / 4P
P-Channel MOSFET
AO3413-HF KEXIN-AO3413-HF Datasheet
2Mb / 4P
P-Channel MOSFET
AO3415AS-HF KEXIN-AO3415AS-HF Datasheet
1Mb / 4P
P-Channel MOSFET
AO3421 KEXIN-AO3421 Datasheet
1Mb / 4P
P-Channel MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com