Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9435K Datasheet(PDF) 5 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM9435K
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM9435K Datasheet(HTML) 5 Page - Guangdong Kexin Industrial Co.,Ltd

  APM9435K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
SMD Type
www.kexin.com.cn
5
MOSFET
P-Channel MOSFET
APM9435K (APM9435KC)
■
Typical Characterisitics
-VDS - Drain - Source Voltage (V)
Drain-Source On Resistance
Tj- Junction Temperature (°C)
-VSD - Source - Drain Voltage (V)
Source-Drain Diode Forward
Capacitance
Gate Charge
QG - Gate Charge (nC)
-50 -25
0
25 50 75 100 125 150
0.00
0.25
0.50
0.75
1.00
1.25
1.50
1.75
2.00
R
ON@Tj=25
oC: 52m
V
GS = -10V
I
DS = -4.6A
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0.1
1
10
20
T
j=150
oC
T
j=25
oC
0
5
10
15
20
25
30
0
200
400
600
800
1000
1200
Crss
Coss
Frequency=1MHz
Ciss
0
4
8
12
16
20
24
0
2
4
6
8
10
V
D= -15V
I
D= -4.6A



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com