Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9435K Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM9435K
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM9435K Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  APM9435K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel MOSFET
APM9435K (APM9435KC)
■
Typical Characterisitics
1E-4
1E-3
0.01
0.1
1
10 30
1E-3
0.01
0.1
1
2
Mounted on 1in
2 pad
R
JA : 62.5
oC/W
0.01
0.02
0.05
0.1
0.2
Single Pulse
Duty = 0.5
Drain Current
Tj - Junction Temperature (°C)
Safe Operation Area
-VDS - Drain - Source Voltage (V)
Thermal Transient Impedance
Square Wave Pulse Duration (sec)
Power Dissipation
Tj- Junction Temperature (°C)
0
20 40 60 80 100 120 140 160
0.0
0.5
1.0
1.5
2.0
2.5
T
A=25
oC
0
20 40 60 80 100 120 140 160
0
1
2
3
4
5
6
T
A=25
oC,V
G=-10V
0.01
0.1
1
10
100
0.01
0.1
1
10
100
300 s
1s
T
A=25
oC
10ms
100ms
DC
1ms



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com