Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

APM9435K Datasheet(PDF) 4 Page - Guangdong Kexin Industrial Co.,Ltd

Part # APM9435K
Description  P-Channel MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

APM9435K Datasheet(HTML) 4 Page - Guangdong Kexin Industrial Co.,Ltd

  APM9435K Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd APM9435K Datasheet HTML 5Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
SMD Type
www.kexin.com.cn
4
MOSFET
.
P-Channel MOSFET
APM9435K (APM9435KC)
■
Typical Characterisitics
Drain-Source On Resistance
-ID- Drain Current (A)
Tj - Junction Temperature (°C)
Gate Threshold Voltage
-VDS - Drain - Source Voltage (V)
Output Characteristics
Transfer Characteristics
-VGS - Gate - Source Voltage (V)
0
1
2
3
4
5
6
7
8
0
2
4
6
8
10
12
14
16
18
20
-4V
-3V
V
GS= -5, -6, -7, -8, -9, -10V
0
2
4
6
8 10 12 14 16 18 20
20
30
40
50
60
70
80
90
100
110
120
130
140
V
GS= -4.5V
V
GS= -10V
0
1
2
3
4
5
0
2
4
6
8
10
12
14
16
18
20
T
j=125
oC
T
j=25
oC
T
j=-55
oC
-50 -25
0
25 50 75 100 125 150
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
I
DS = -250uA



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com