Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD310 Datasheet(PDF) 4 Page - Intersil Corporation

Part # IRFD310
Description  0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD310 Datasheet(HTML) 4 Page - Intersil Corporation

  IRFD310 Datasheet HTML 1Page - Intersil Corporation IRFD310 Datasheet HTML 2Page - Intersil Corporation IRFD310 Datasheet HTML 3Page - Intersil Corporation IRFD310 Datasheet HTML 4Page - Intersil Corporation IRFD310 Datasheet HTML 5Page - Intersil Corporation IRFD310 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
4-296
FIGURE 5. SATURATION CHARACTERISTICS
FIGURE 6. TRANSFER CHARACTERISTICS
FIGURE 7. DRAIN TO SOURCE ON RESISTANCE vs GATE
VOLTAGE AND DRAIN CURRENT
FIGURE 8. NORMALIZED DRAIN TO SOURCE ON
RESISTANCE vs JUNCTION TEMPERATURE
FIGURE 9. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 10. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
Typical Performance Curves
Unless Otherwise Specified
(Continued)
02
4
6
8
0.44
0.88
1.32
1.76
2.20
10
VDS, DRAIN TO SOURCE VOLTAGE (V)
0
VGS = 6V
VGS = 9V
VGS = 7V
VGS = 5V
VGS = 4V
VGS = 8V
VGS = 10V
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
2.20
1.76
1.32
0.88
0.44
0
02
4
6
8
10
VGS, GATE TO SOURCE VOLTAGE (V)
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
3
6
1
2
34
ID, DRAIN CURRENT (A)
5
7
0
4
5
8
2
µs PULSE TEST
VGS = 20V
VGS = 10V
67
9
10
2.21
1.52
1.17
0.82
0.47
-55
-14
27
TJ, JUNCTION TEMPERATURE (
oC)
109
1.86
68
150
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
VGS = 10V, ID = 0.2A
1.10
1.03
0.99
0.95
0.92
-55
-14
27
TJ, JUNCTION TEMPERATURE (
oC)
109
1.07
68
150
ID = 250µA
250
50
0
0
20
50
150
VDS, DRAIN TO SOURCE VOLTAGE (V)
200
100
CISS
COSS
CRSS
10
30
40
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
VGS = 0V, f = 1MHz
IRFD310



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com