Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD310 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRFD310
Description  0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD310 Datasheet(HTML) 5 Page - Intersil Corporation

  IRFD310 Datasheet HTML 1Page - Intersil Corporation IRFD310 Datasheet HTML 2Page - Intersil Corporation IRFD310 Datasheet HTML 3Page - Intersil Corporation IRFD310 Datasheet HTML 4Page - Intersil Corporation IRFD310 Datasheet HTML 5Page - Intersil Corporation IRFD310 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
4-297
FIGURE 11. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 12. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 13. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Test Circuits and Waveforms
FIGURE 14.
UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 15. UNCLAMPED ENERGY WAVEFORM
Typical Performance Curves
Unless Otherwise Specified
(Continued)
I D, DRAIN CURRENT (A)
0
0.44
0.88
1.32
1.76
0.6
1.2
1.8
2.4
3.0
2.2
0
TJ = 125
oC
TJ = -55
oC
TJ = 25
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0
1.0
2.0
3.0
4.0
VSD, SOURCE TO DRAIN VOLTAGE (V)
10
1.0
0.1
TJ = 150
oC
TJ = 25
oC
5.0
0.5
0.2
5.0
2.0
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0246810
Qg, GATE CHARGE (nC)
0
5
10
15
20
ID = 4A
VDS = 200V
VDS = 80V
VDS = 320V
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
IRFD310



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com