Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD310 Datasheet(PDF) 3 Page - Intersil Corporation

Part # IRFD310
Description  0.4A, 400V, 3.600 Ohm, N-Channel Power MOSFET
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRFD310 Datasheet(HTML) 3 Page - Intersil Corporation

  IRFD310 Datasheet HTML 1Page - Intersil Corporation IRFD310 Datasheet HTML 2Page - Intersil Corporation IRFD310 Datasheet HTML 3Page - Intersil Corporation IRFD310 Datasheet HTML 4Page - Intersil Corporation IRFD310 Datasheet HTML 5Page - Intersil Corporation IRFD310 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
4-295
Source to Drain Diode Specifications
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Continuous Source to Drain Current
ISD
Modified MOSFET
Symbol Showing the
Integral Reverse P-N
Junction Rectifier
-
-
0.4
A
Pulse Source to Drain Current (Note 3)
ISDM
-
-
1.6
A
Source to Drain Diode Voltage (Note 2)
VSD
TJ = 25
oC, I
SD = 1.6A, VGS = 0V (Figure 12)
-
-
1.6
V
Reverse Recovery Time
trr
TJ = 150
oC, I
SD = 1.6A, dISD/dt = 100A/µs
-
380
-
ns
Reverse Recovery Charge
QRR
TJ = 150
oC, I
SD = 1.6A, dISD/dt = 100A/µs
-
2.7
-
µC
NOTES:
2. Pulse test: pulse width
≤ 300µs, duty cycle ≤ 2%.
3. Repetitive rating: pulse width limited by Max junction temperature.
4. VDD = 40V, starting TJ = 25
oC, L = 44.89mH, R
G = 50Ω, peak IAS = 1.4A.
Typical Performance Curves
Unless Otherwise Specified
FIGURE 1. NORMALIZED POWER DISSIPATION vs CASE
TEMPERATURE
FIGURE 2. MAXIMUM CONTINUOUS DRAIN CURRENT vs
CASE TEMPERATURE
FIGURE 3. FORWARD BIAS SAFE OPERATING AREA
FIGURE 4. OUTPUT CHARACTERISTICS
G
D
S
TA, CASE TEMPERATURE (
oC)
0
0
25
50
75
100
150
0.2
0.4
0.6
0.8
1.0
1.2
125
0
50
100
TC, CASE TEMPERATURE (
oC)
150
25
75
125
0.4
0.3
0.1
VDS, DRAIN TO SOURCE VOLTAGE (V)
100
µs
1ms
10ms
DC
10
µs
TJ = MAX RATED
SINGLE PULSE
5
1
0.1
00.1
0.001
1
10
100
1000
OPERATION IN THIS
AREA MAY BE
LIMITED BY rDS(ON)
TC = 25
oC
020
40
60
80
0.44
0.88
1.32
1.76
2.20
100
VDS, DRAIN TO SOURCE VOLTAGE (V)
PULSE DURATION = 80
µs
0
VGS = 6V
VGS = 7V
VGS = 5V
VGS = 4V
DUTY CYCLE = 0.5% MAX
IRFD310



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com