Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASL41S9 Datasheet(PDF) 2 Page - Advanced Semiconductor Business Inc.

Part # ASL41S9
Description  5 ~ 4000 MHz High Linearity LNA MMIC
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASB [Advanced Semiconductor Business Inc.]
Direct Link  http://www.asb.co.kr
Logo ASB - Advanced Semiconductor Business Inc.

ASL41S9 Datasheet(HTML) 2 Page - Advanced Semiconductor Business Inc.

  ASL41S9 Datasheet HTML 1Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 2Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 3Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 4Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 5Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 6Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 7Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 8Page - Advanced Semiconductor Business Inc. ASL41S9 Datasheet HTML 9Page - Advanced Semiconductor Business Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
2/11
ASB Inc.
 sales@asb.co.kr
June 2014
ASL41S9
2. Summary on Product Performances
2.1
Typical Performance
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Typical
Unit
Frequency
700
900
1200
700
900
1200
MHz
Noise Figure
0.60
0.55
0.65
0.60
0.55
0.65
dB
Gain
19.4
17.5
15.3
19.5
17.6
15.4
dB
S11
-20.0
-18.0
-18.0
-20.0
-18.0
-18.0
dB
S22
-20.0
-20.0
-20.0
-20.0
-20.0
-20.0
dB
Output IP31)
37.5
38.0
36.5
40.0
43.0
38.0
dBm
Output P1dB
22.5
22.5
22.0
23.0
23.0
23.0
dBm
Current
72
90
mA
Device Voltage
+5
+5
V
1) OIP3 is measured with two tones at the output power of +5 dBm/tone separated by 1 MHz.
2.2
Product Specification
Supply voltage = +5 V, TA = +25
C, ZO = 50 
Parameter
Min
Typ
Max
Unit
Frequency
900
MHz
Noise Figure
0.55
0.65
dB
Gain
16.5
17.5
dB
S11
-15
-18
dB
S22
-17
-20
dB
Output IP3
36
38
dBm
Output P1dB
21.5
22.5
dBm
Current
57
72
87
mA
Device Voltage
+5
V
2.3
Pin Configuration
Pin
Description
Simplified Outline
1
RF_IN
2
Ground
3
RF_OUT & Bias



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com